Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV358MMX Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV358MMX
Description  General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV358MMX Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMV358MMX Datasheet HTML 12Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 13Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 14Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 15Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 16Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 17Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 18Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 19Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Application Notes (Continued)
Note that the single-op-amp active filters are used in to the
applications that require low quality factor, Q(
≤ 10), low
frequency (
≤ 5 kHz), and low gain (≤ 10), or a small value for
the product of gain times Q (
≤ 100). The op amp should have
an open loop voltage gain at the highest frequency of inter-
est at least 50 times larger than the gain of the filter at this
frequency. In addition, the selected op amp should have a
slew rate that meets the following requirement:
Slew Rate
≥ 0.5x(ω
HVOPP)x10
−6 V/µsec
where
ω
H is the highest frequency of interest, and Vopp is the
output peak-to-peak voltage.
4.4.2 Sallen-Key 2nd-Order Active Low-Pass Filter
The Sallen-Key 2nd-order active low-pass filter is illustrated
in Figure 13. The dc gain of the filter is expressed as
(1)
Its transfer function is
(2)
The following paragraphs explain how to select values for
R
1,R2,R3,R4,C1, and C 2 for given filter requirements, such
as A
LP, Q, and f c.
The standard form for a 2nd-order low pass filter is
(3)
where
Q: Pole Quality Factor
ω
C: Corner Frequency
Comparison between the Equation (2) and Equation (3)
yields
(4)
(5)
To reduce the required calculations in filter design, it is
convenient to introduce normalization into the components
and design parameters. To normalize, let
ω
C =
ω
n = 1rad/s,
and C
1 =C2 =Cn = 1F, and substitute these values into
Equation (4) and Equation (5). From Equation (4), we obtain
(6)
From Equation (5), we obtain
(7)
10006014
10006037
FIGURE 11. Simple Low-Pass Active Filter
10006015
FIGURE 12. Frequency Response of Simple Low-Pass
Active Filter in Figure 11
10006016
FIGURE 13. Sallen-Key 2nd-Order Active Low-Pass
Filter
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com