Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV358MMX Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV358MMX
Description  General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV358MMX Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMV358MMX Datasheet HTML 13Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 14Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 15Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 16Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 17Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 18Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 19Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 20Page - National Semiconductor (TI) LMV358MMX Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Application Notes (Continued)
For minimum dc offset, V
+ =V−, the resistor values at both
inverting and non-inverting inputs should be equal, which
means
(8)
From Equation (1) and Equation (8), we obtain
(9)
(10)
The values of C
1 and C2 are normally close to or equal to
As a design example:
Require: A
LP =2,Q=1,fc= 1KHz
Start by selecting C
1 and C2. Choose a standard value that
is close to
From Equations (6), (7), (9), (10),
R
1=1
Ω
R
2=1
Ω
R
3=4
Ω
R
4=4
Ω
The above resistor values are normalized values with
ω
n =
1rad/s and C
1 =C2 =Cn = 1F. To scale the normalized cut-off
frequency and resistances to the real values, two scaling
factors are introduced, frequency scaling factor (k
f) and im-
pedance scaling factor (k
m).
Scaled values:
R
2 =R1 = 15.9 k
Ω
R
3 =R4 = 63.6 k
Ω
C
1 =C2 = 0.01 µF
An adjustment to the scaling may be made in order to have
realistic values for resistors and capacitors. The actual value
used for each component is shown in the circuit.
4.4.3 2nd-order High Pass Filter
A 2nd-order high pass filter can be built by simply inter-
changing those frequency selective components (R
1,R 2,
C
1,C2) in the Sallen-Key 2nd-order active low pass filter. As
shown in Figure 14, resistors become capacitors, and ca-
pacitors become resistors. The resulted high pass filter has
the same corner frequency and the same maximum gain as
the previous 2nd-order low pass filter if the same compo-
nents are chosen.
4.4.4 State Variable Filter
A state variable filter requires three op amps. One conve-
nient way to build state variable filters is with a quad op amp,
such as the LMV324 (Figure 15).
This circuit can simultaneously represent a low-pass filter,
high-pass filter, and bandpass filter at three different outputs.
The equations for these functions are listed below. It is also
called "Bi-Quad" active filter as it can produce a transfer
function
which
is
quadratic
in
both
numerator
and
denominator.
10006083
FIGURE 14. Sallen-Key 2nd-Order Active High-Pass
Filter
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com