Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV821 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV821
Description  Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV821 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV821 Datasheet HTML 1Page - National Semiconductor (TI) LMV821 Datasheet HTML 2Page - National Semiconductor (TI) LMV821 Datasheet HTML 3Page - National Semiconductor (TI) LMV821 Datasheet HTML 4Page - National Semiconductor (TI) LMV821 Datasheet HTML 5Page - National Semiconductor (TI) LMV821 Datasheet HTML 6Page - National Semiconductor (TI) LMV821 Datasheet HTML 7Page - National Semiconductor (TI) LMV821 Datasheet HTML 8Page - National Semiconductor (TI) LMV821 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2.7V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V = 0V, V
CM = 1.0V, VO = 1.35V and R L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
LMV821/822/824
Limit (Note 6)
Units
V
O
Output Swing
V
+=2.7V, R
L= 600Ω to 1.35V
2.58
2.50
V
2.40
min
0.13
0.20
V
0.30
max
V
+=2.7V, R
L=2kΩ to 1.35V
2.66
2.60
V
2.50
min
0.08
0.120
V
0.200
max
I
O
Output Current
Sourcing, V
O=0V
16
12
mA
min
Sinking, V
O=2.7V
26
12
mA
min
I
S
Supply Current
LMV821 (Single)
0.22
0.3
mA
0.5
max
LMV822 (Dual)
0.45
0.6
mA
0.8
max
LMV824 (Quad)
0.72
1.0
mA
1.2
max
2.5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.5V, V = 0V, V
CM = 1.0V, VO = 1.25V and R L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
LMV821/822/824
Limit (Note 6)
Units
V
OS
Input Offset Voltage
1
3.5
mV
4
max
V
O
Output Swing
V
+=2.5V, R
L= 600Ω to 1.25V
2.37
2.30
V
2.20
min
0.13
0.20
V
0.30
max
V
+=2.5V, R
L=2kΩ to 1.25V
2.46
2.40
V
2.30
min
0.08
0.12
V
0.20
max
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V = 0V, V
CM = 1.0V, VO = 1.35V and R L > 1MΩ.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LMV821/822/824 Limit
(Note 6)
Units
SR
Slew Rate
(Note 7)
1.5
V/µs
GBW
Gain-Bandwdth Product
5
MHz
Φ
m
Phase Margin
61
Deg.
G
m
Gain Margin
10
dB
Amp-to-Amp Isolation
(Note 8)
135
dB
e
n
Input-Related Voltage Noise
f = 1 kHz, V
CM =1V
28
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com