Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV821 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV821
Description  Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV821 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV821 Datasheet HTML 1Page - National Semiconductor (TI) LMV821 Datasheet HTML 2Page - National Semiconductor (TI) LMV821 Datasheet HTML 3Page - National Semiconductor (TI) LMV821 Datasheet HTML 4Page - National Semiconductor (TI) LMV821 Datasheet HTML 5Page - National Semiconductor (TI) LMV821 Datasheet HTML 6Page - National Semiconductor (TI) LMV821 Datasheet HTML 7Page - National Semiconductor (TI) LMV821 Datasheet HTML 8Page - National Semiconductor (TI) LMV821 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LMV821 Single/ LMV822 Dual/ LMV824 Quad
Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
General Description
The LMV821/LMV822/LMV824 bring performance and
economy to low voltage / low power systems. Witha5MHz
unity-gain frequency and a guaranteed 1.4 V/µs slew rate,
the quiescent current is only 220 µA/amplifier (2.7 V). They
provide rail-to-rail (R-to-R) output swing into heavy loads
(600
Ω Guarantees). The input common-mode voltage range
includes ground, and the maximum input offset voltage is
3.5mV (Guaranteed). They are also capable of comfortably
driving large capacitive loads (refer to the application notes
section).
The LMV821 (single) is available in the ultra tiny SC70-5
package, which is about half the size of the previous title
holder, the SOT23-5.
Overall, the LMV821/LMV822/LMV824 (Single/Dual/Quad)
are low voltage, low power, performance op amps, that can
be designed into a wide range of applications, at an eco-
nomical price.
Features
(For Typical, 5 V Supply Values; Unless Otherwise Noted)
n Ultra Tiny, SC70-5 Package
2.0 x 2.0 x 1.0 mm
n Guaranteed 2.5 V, 2.7 V and 5 V Performance
n Maximum VOS
3.5 mV (Guaranteed)
n VOS Temp. Drift
1 uV/˚ C
n GBW product @ 2.7 V
5 MHz
n ISupply @ 2.7 V
220 µA/Amplifier
n Minimum SR
1.4 V/us (Guaranteed)
n CMRR
90 dB
n PSRR
85 dB
n Rail-to-Rail (R-to-R) Output Swing
@600
Ω Load
160 mV from rail
@10 k
Ω Load
55 mV from rail
n VCM @ 5 V
-0.3 V to 4.3 V
n Stable with High Capacitive Loads (Refer to Application
Section)
Applications
n Cordless Phones
n Cellular Phones
n Laptops
n PDAs
n PCMCIA
Connection Diagrams
5-Pin SC70-5/SOT23-5
DS100128-84
Top View
8-Pin SO/MSOP
DS100128-63
Top View
14-Pin SO/TSSOP
DS100128-85
Top View
August 1999
© 1999 National Semiconductor Corporation
DS100128
www.national.com


Similar Part No. - LMV821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV821 TI-LMV821 Datasheet
658Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LMV821 ONSEMI-LMV821 Datasheet
794Kb / 16P
Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers
October, 2009 ??Rev. 1
logo
Texas Instruments
LMV821 TI-LMV821 Datasheet
764Kb / 35P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821 TI1-LMV821 Datasheet
1Mb / 26P
Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
STMicroelectronics
LMV821 STMICROELECTRONICS-LMV821 Datasheet
663Kb / 32P
Tiny packages
10-Apr-2017
More results

Similar Description - LMV821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
logo
Analog Devices
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
MAX9943 MAXIM-MAX9943_11 Datasheet
613Kb / 15P
High-Voltage, Precision, Low-Power Op Amps Rail-to-Rail Output
Rev 3; 4/11
logo
Texas Instruments
LMV821 TI1-LMV821 Datasheet
1Mb / 26P
Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821-N TI-LMV821-N_15 Datasheet
2Mb / 46P
LMV82x Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821-N TI1-LMV821-N_16 Datasheet
2Mb / 46P
Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
Maxim Integrated Produc...
MAX9943 MAXIM-MAX9943_V01 Datasheet
1Mb / 11P
High-Voltage, Precision, Low-Power Op Amps
2017
logo
Texas Instruments
OPA863 TI-OPA863_V07 Datasheet
3Mb / 52P
OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input/Output Voltage-Feedback Op Amps
REVISED JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com