Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS511 Datasheet(PDF) 3 Page - International Rectifier

Part # IPS511
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS511 Datasheet(HTML) 3 Page - International Rectifier

  IPS511 Datasheet HTML 1Page - International Rectifier IPS511 Datasheet HTML 2Page - International Rectifier IPS511 Datasheet HTML 3Page - International Rectifier IPS511 Datasheet HTML 4Page - International Rectifier IPS511 Datasheet HTML 5Page - International Rectifier IPS511 Datasheet HTML 6Page - International Rectifier IPS511 Datasheet HTML 7Page - International Rectifier IPS511 Datasheet HTML 8Page - International Rectifier IPS511 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IPS511/IPS511S
www.irf.com
3
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rds(on)
ON state resistance Tj = 25
oC
110
135
@Tj=25oC
Rds(on)
ON state resistance @ Vcc = 6V
110
135
(Vcc=6V)
Rds(on)
ON state resistance Tj = 150
oC—
200
Vin = 5V, Iout = 2.5A
@Tj=150oC
Vcc oper. Operating voltage range
5.5
35
V clamp 1 Vcc to OUT clamp voltage 1
50
56
Id = 10mA (see Fig.1 & 2)
V clamp 2 Vcc to OUT clamp voltage 2
58
65
Vf
Body diode forward voltage
0.9
1.2
Id = 2.5A, Vin = 0V
Icc off
Supply current when OFF
16
50
µAVin = 0V, Vout = 0V
Icc on
Supply current when ON
0.7
2
mA
Vin = 5V
Icc ac
Ripple current when ON (AC RMS)
20
µAVin = 5V
Vdgl
Low level diagnostic output voltage
0.15
0.4
V
Idg = 1.6 mA
Ioh
Output leakage current
60
110
Vout = 6V
Iol
Output leakage current
0
25
Vout = 0V
Idg
leakage
Diagnostic output leakage current
——
10
Vdg = 5.5V
Vih
IN high threshold voltage
2.3
3
Vil
IN low threshold voltage
1
1.95
Iin, on
On state IN positive current
70
200
µA
Vin = 5V
In hyst.
Input hysteresis
0.1
0.25
0.5
V
Static Electrical Characteristics
(Tj = 25
oC, Vcc = 14V unless otherwise specified.)
m
Vin = 5V, Iout = 2.5A
Id = Isd (see Fig.1 & 2)
V
Vin = 5V, Iout = 1A
µA
V
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol Parameter
Min.
Max.
Units
Vcc
Continuous Vcc voltage
5.5
35
VIH
High level input voltage
4
5.5
VIL
Low level input voltage
-0.3
0.9
Iout
Continuous output current
Tamb=85
oC
(TAmbient = 85oC, Tj = 125oC, Rth < 60oC/W) IPS511
1.7
(TAmbient = 85oC, Tj = 125oC, Rth = 80oC/W) IPS511
1.5
Rin
Recommended resistor in series with IN pin
4
6
Rdg
Recommended resistor in series with DG pin
10
20
V
A
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com