Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS511 Datasheet(PDF) 4 Page - International Rectifier

Part # IPS511
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS511 Datasheet(HTML) 4 Page - International Rectifier

  IPS511 Datasheet HTML 1Page - International Rectifier IPS511 Datasheet HTML 2Page - International Rectifier IPS511 Datasheet HTML 3Page - International Rectifier IPS511 Datasheet HTML 4Page - International Rectifier IPS511 Datasheet HTML 5Page - International Rectifier IPS511 Datasheet HTML 6Page - International Rectifier IPS511 Datasheet HTML 7Page - International Rectifier IPS511 Datasheet HTML 8Page - International Rectifier IPS511 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IPS511/IPS511S
4
www.irf.com
Switching Electrical Characteristics
Vcc = 14V, Resistive Load = 5.6Ω, Tj = 25
oC, (unless otherwise specified).
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Tdon
Turn-on delay time
7
50
Tr1
Rise time to Vout = Vcc - 5V
10
50
Tr2
Rise time Vcc - 5V to Vout = 90% of Vcc
45
100
dV/dt (on) Turn ON dV/dt
1.3
4
V/
µs
Eon
Turn ON energy
400
µJ
Tdoff
Turn-off delay time
15
50
Tf
Fall time to Vout = 10% of Vcc
10
50
dV/dt (off) Turn OFF dV/dt
2
6
V/
µs
Eoff
Turn OFF energy
80
µJ
Tdiag
Vout to Vdiag propagation delay
5
15
µs
See figure 6
See figure 3
µs
µs
See figure 4
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Ilim
Internal current limit
35
7
A
Vout = 0V
Tsd+
Over-temp. positive going threshold
165
oC
See fig. 2
Tsd-
Over-temp. negative going threshold
158
oC
See fig. 2
Vsc
Short-circuit detection voltage (3)
2
3
4
V
See fig. 2
Vopen load Open load detection threshold
2
3
4
V
Protection Characteristics
(3) Referenced to Vcc
Lead Assignments
Part Number
1 2 3 4 5
5 Lead - TO220
IPS511
3 (Vcc)
5 Lead - D2PAK (SMD220)
IPS511S
3 (Vcc)
1 2 3 4 5
1 - Ground
2 - In
3 - Vcc
4 - DG
5 - Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com