Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGGP.25A Datasheet(PDF) 13 Page - Taoglas antenna solutions

Part # SGGP.25A
Description  Patent pending
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SGGP.25A Datasheet(HTML) 13 Page - Taoglas antenna solutions

Back Button SGGP.25A Datasheet HTML 6Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 7Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 8Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 9Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 10Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 11Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 12Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 13Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 14Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SGGP.25.4.A.02
| page 13 of 14
6.
Recommended Reflow Soldering Profile
SGGP.25A can be assembled following Pb-free assembly. According to the Standard IPC/JEDEC J-STD-020C,
the temperature profile suggested is as follows:
Phase
Profile Features
Pb-Free Assembly (SnAgcu)
PREHEAT
Temperature Min(Tsmin)
150°C
Temperature Max(Tsmax)
200°C
Time(ts) from (Tsmin to Tsmax)
60-120 seconds
RAMP-UP
Avg. Ramp-up Rate (Tsmax to TP)
3°C/second(max)
REFLOW
Temperature(TL)
217°C
Total Time above TL (tL)
30-100 seconds
PEAK
Temperature(TP)
260°C
Time(tp)
2-5 seconds
RAMP-DOWN Rate
3°C/second(max)
Time from 25°C to Peak Temperature
8 minutes max.
Composition of solder paste
96.5Sn/3Ag/0.5Cu
Solder Paste Model
SHENMAO PF606-P26
Soldering Iron condition: Soldering iron temperature 270°C±10°C.
Apply preheating at 120°C for 2-3 minutes. Finish soldering for each terminal within 3 seconds, if soldering iron tempera-
ture over270°C±10°C or 3 seconds, it will make cause component surface peeling or damage.
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com