Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGGP.25A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # SGGP.25A
Description  Patent pending
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SGGP.25A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  SGGP.25A Datasheet HTML 1Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 2Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 3Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 4Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 5Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 6Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 7Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 8Page - Taoglas antenna solutions SGGP.25A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SGGP.25.4.A.02
| page 2 of 14
No.:
This ceramic 25mm GPS/GLONASS patch antenna is mounted via SMT process and has been pre-tuned for a
50*50mm ground plane. Custom part no’s tuned for different ground-plane or layout positions and taking into
account the specific conditions in your device can be created and supplied by Taoglas.
**Changes in user groundplane and environment will offset centre frequency
1. Introduction
2.
Specification
PARAMETER
original Patch Specification tested on 50*50mm ground plane
SPEcIFIcATIoN
NoTES
1
2
3
4
5
8
9
10
11
Range of Receiving Frequency
center Frequency
Bandwidth
VSWR
Gain at Zenith
Polarization
Impedance
Frequency Temperature coefficient (tf)
operating Temperature
With 50*50mm ground plane
Return Loss <-10 dB
Center Frequency
-40ºC to +85ºC
1592± 3MHz
8MHz min
1.5 max
GPS: -0.14dBic typ.
GLONASS: 1.75dBic typ.
0 ± 20ppm / oC
GPS:1575.42 MHz ± 1.023 MHz
GLONASS: 1602± 5 MHz
RHCP
50 Ohms
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com