Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV981 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV981
Description  1.8V, RRIO Operational Amplifiers with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV981 Datasheet HTML 1Page - National Semiconductor (TI) LMV981 Datasheet HTML 2Page - National Semiconductor (TI) LMV981 Datasheet HTML 3Page - National Semiconductor (TI) LMV981 Datasheet HTML 4Page - National Semiconductor (TI) LMV981 Datasheet HTML 5Page - National Semiconductor (TI) LMV981 Datasheet HTML 6Page - National Semiconductor (TI) LMV981 Datasheet HTML 7Page - National Semiconductor (TI) LMV981 Datasheet HTML 8Page - National Semiconductor (TI) LMV981 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1.8V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 1.8V, V − = 0V, V
CM =V
+/2, V
O =V
+/2,
R
L > 1M
Ω and SHDN tied to V+. Boldface limits apply at the temperature extremes. See (Note 10).
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
A
V
Large Signal Voltage Gain
LMV981 (Single)
R
L = 600
Ω to 0.9V,
V
O = 0.2V to 1.6V, VCM = 0.5V
77
73
101
dB
R
L =2k
Ω to 0.9V,
V
O = 0.2V to 1.6V, VCM = 0.5V
80
75
105
Large Signal Voltage Gain
LMV982 (Dual)
R
L = 600
Ω to 0.9V,
V
O = 0.2V to 1.6V, VCM = 0.5V
75
72
90
dB
R
L =2k
Ω to 0.9V,
V
O = 0.2V to 1.6V, VCM = 0.5V
78
75
100
V
O
Output Swing
R
L = 600
Ω to 0.9V
V
IN = ± 100mV
1.65
1.63
1.72
V
0.077
0.105
0.120
R
L =2k
Ω to 0.9V
V
IN = ± 100mV
1.75
1.74
1.77
0.024
0.035
0.04
I
O
Output Short Circuit Current
Sourcing, V
O =0V
V
IN = 100mV
4
3.3
8
mA
Sinking, V
O = 1.8V
V
IN = −100mV
7
5
9
Ton
Turn-on Time from Shutdown
19
µs
V
SHDN
Turn-on Voltage to enable
part
1.0
V
Turn-off Voltage
0.55
1.8V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 1.8V, V − = 0V, V
CM =V
+/2, V
O =V
+/2,
R
L > 1M
Ω and SHDN tied to V+. Boldface limits apply at the temperature extremes. See (Note 10).
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
SR
Slew Rate
(Note 7)
0.35
V/µs
GBW
Gain-Bandwidth Product
1.4
MHz
Φ
m
Phase Margin
67
deg
G
m
Gain Margin
7dB
e
n
Input-Referred Voltage Noise
f = 1kHz, V
CM = 0.5V
60
i
n
Input-Referred Current Noise
f = 1kHz
0.06
THD
Total Harmonic Distortion
f = 1kHz, A
V =+1
R
L = 600
Ω,V
IN =1 VPP
0.023
%
Amp-to-Amp Isolation
(Note 9)
123
dB
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com