Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV981 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV981
Description  1.8V, RRIO Operational Amplifiers with Shutdown
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV981 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV981 Datasheet HTML 1Page - National Semiconductor (TI) LMV981 Datasheet HTML 2Page - National Semiconductor (TI) LMV981 Datasheet HTML 3Page - National Semiconductor (TI) LMV981 Datasheet HTML 4Page - National Semiconductor (TI) LMV981 Datasheet HTML 5Page - National Semiconductor (TI) LMV981 Datasheet HTML 6Page - National Semiconductor (TI) LMV981 Datasheet HTML 7Page - National Semiconductor (TI) LMV981 Datasheet HTML 8Page - National Semiconductor (TI) LMV981 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LMV981 Single / LMV982 Dual
1.8V, RRIO Operational Amplifiers with Shutdown
General Description
LMV981/LMV982 are low voltage, low power operational
amplifiers. LMV981/LMV982 are guaranteed to operate from
+1.8V to +5.0V supply voltages and have rail-to-rail input
and output. LMV981/LMV982 input common mode voltage
extends 200mV beyond the supplies which enables user
enhanced functionality beyond the supply voltage range.
The output can swing rail-to-rail unloaded and within 105mV
from the rail with 600
Ω load at 1.8V supply. LMV981/
LMV982 are optimized to work at 1.8V which make them
ideal for portable two-cell battery powered systems and
single cell Li-Ion systems.
LMV981/LMV982 offer a shutdown pin that can be used to
disable the device and reduce the supply current. The device
is in shutdown when the SHDN-pin = low.
LMV981/LMV982
exhibit
excellent
speed-power
ratio,
achieving 1.4MHz gain bandwidth product at 1.8V supply
voltage with very low supply current. LMV981/LMV982 are
capable of driving a 600
Ω load and up to 1000pF capacitive
load with minimal ringing. LMV981/LMV982 have a high DC
gain of 101dB, making them suitable for low frequency ap-
plications.
LMV981 is offered in space saving 6-Bump micro SMD,
SC70-6 and SOT23-6 packages. The 6-Bump micro SMD
package has only a 1.006mm x 1.514mm x 0.945mm foot-
print. LMV982 is offered in space saving MSOP-10 package.
These small packages are ideal solutions for area con-
strained PC boards and portable electronics such as cellular
phones and PDAs.
Features
(Typical 1.8V Supply Values; Unless Otherwise Noted)
n
Guaranteed 1.8V, 2.7V and 5V specifications
n
Output swing
— w/600
Ω load
80mV from rail
— w/2k
Ω load
30mV from rail
n
V
CM
200mV beyond rails
n
Supply current (per channel)
100µA
n
Gain bandwidth product
1.4MHz
n
Maximum V
OS
4.0mV
n
Gain w/600
Ω load
101dB
n
Ultra tiny package micro SMD
1.0mm x 1.5mm
n
Turn-on time from shutdown
19µs
n
Temperature range
−40˚C to 125˚C
Applications
n
Industrial and automotive
n
Consumer communication
n
Consumer computing
n
PDAs
n
Portable audio
n
Portable/battery-powered electronic equipment
n
Supply current monitoring
n
Battery monitoring
Typical Application
200214H0
December 2002
© 2002 National Semiconductor Corporation
DS200214
www.national.com


Similar Part No. - LMV981

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV981 TI-LMV981 Datasheet
611Kb / 22P
1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
logo
ON Semiconductor
LMV981 ONSEMI-LMV981 Datasheet
445Kb / 21P
Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
logo
Texas Instruments
LMV981 TI1-LMV981 Datasheet
1,008Kb / 20P
Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
LMV981 TI1-LMV981 Datasheet
1Mb / 26P
LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
ON Semiconductor
LMV981 ONSEMI-LMV981 Datasheet
387Kb / 21P
Single and Dual Low Voltage, Rail-to-Rail Input and Output
October, 2015 ??Rev. 12
More results

Similar Description - LMV981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
1.8V, RRIO Operational Amplifiers
LMV710 NSC-LMV710 Datasheet
708Kb / 19P
Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
logo
Texas Instruments
LMV710 TI-LMV710 Datasheet
404Kb / 15P
SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN
LMV981 TI1-LMV981 Datasheet
1,008Kb / 20P
Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Analog Devices
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
REV. E
logo
National Semiconductor ...
LMV981-N NSC-LMV981-N Datasheet
1Mb / 27P
Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Analog Devices
OP196 AD-OP196_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP296 AD-OP296_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV981-N TI1-LMV981-N Datasheet
1Mb / 28P
Dual 1.8V, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com