Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLA.01 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # HLA.01
Description  Low profile
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

HLA.01 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  HLA.01 Datasheet HTML 1Page - Taoglas antenna solutions HLA.01 Datasheet HTML 2Page - Taoglas antenna solutions HLA.01 Datasheet HTML 3Page - Taoglas antenna solutions HLA.01 Datasheet HTML 4Page - Taoglas antenna solutions HLA.01 Datasheet HTML 5Page - Taoglas antenna solutions HLA.01 Datasheet HTML 6Page - Taoglas antenna solutions HLA.01 Datasheet HTML 7Page - Taoglas antenna solutions HLA.01 Datasheet HTML 8Page - Taoglas antenna solutions HLA.01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SPE-12-8-116/B/SS
Page 4 of 19
Bandwidth (MHz)
524
Peak Gain (dBi)
2.1 (typical)
Efficiency (%)
65 (typical)
VSWR
2 max.
Impedance (Ω)
50
Polarization
Linear
Radiation Pattern
Omni
Input Power(W)
50
MECHANICAL
Dimensions (mm)
3.2 x 1.6 x 0.5
Ground plane (mm)
80x40
Material
AS 6
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Temperature Coefficient of
Frequency (ppm/°C)
0±20 max. (@-40°C to 85°C)
Humidity
Non-condensing 65°C 95% RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com