Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLA.01 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # HLA.01
Description  Low profile
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

HLA.01 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  HLA.01 Datasheet HTML 1Page - Taoglas antenna solutions HLA.01 Datasheet HTML 2Page - Taoglas antenna solutions HLA.01 Datasheet HTML 3Page - Taoglas antenna solutions HLA.01 Datasheet HTML 4Page - Taoglas antenna solutions HLA.01 Datasheet HTML 5Page - Taoglas antenna solutions HLA.01 Datasheet HTML 6Page - Taoglas antenna solutions HLA.01 Datasheet HTML 7Page - Taoglas antenna solutions HLA.01 Datasheet HTML 8Page - Taoglas antenna solutions HLA.01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SPE-12-8-116/B/SS
Page 2 of 19
1.Introduction
The HLA.01 5150-5900 MHz ceramic chip antenna is specifically designed for
Wi-Fi/ WHDMI applications where high data throughput is needed. It is a high
efficiency miniature SMD edge mounted ceramic antenna with minimum
footprint requirement. This ceramic chip antenna uses the main PCB as its
ground plane, thereby increasing antenna efficiency. It is tuned for different
PCB sizes by simply changing the value of the matching circuit. The HLA.01
with dimension of 3.2mm *1.6mm * 0.5mm, is one of the smallest antennas
available worldwide. This antenna is delivered on tape and reel.
Many module manufacturers specify peak gain limits for any antennas that are
to be connected to that module. Those peak gain limits are based on free-space
conditions. In practice, the peak gain of an antenna tested in free-space can
degrade by at least 1 or 2dBi when put inside a device. So ideally you should go
for a slightly higher peak gain antenna than mentioned on the module
specification to compensate for this effect, giving you better performance.
Upon testing of any of our antennas with your device and a selection of
appropriate layout, integration technique, or cable, Taoglas can make sure any
of our antennas’ peak gain will be below the peak gain limits. Taoglas can then
issue a specification and/or report for the selected antenna in your device that
will clearly show it complying with the peak gain limits, so you can be assured
you are meeting regulatory requirements for that module.
For example, a module manufacturer may state that the antenna must have
less than 2dBi peak gain, but you don’t need to select an embedded antenna
that has a peak gain of less than 2dBi in free-space. This will give you a less
optimized solution. It is better to go for a slightly higher free-space peak gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com