Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2301TM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2301TM
Description  PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2301TM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMX2301TM Datasheet HTML 2Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 3Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Functional Description
The simplified block diagram below shows the 19-bit data register the 14-bit R Counter and the R15 Latch and the 11-bit
N Counter (intermediate latches are not shown) The data stream is clocked (on the rising edge) into the DATA input MSB first
If the Control Bit (last bit input) is HIGH the DATA is transferred into the R Counter (programmable reference divider) and the
S Latch (power up counter reset) If the Control Bit (LSB) is LOW the DATA is transferred into the N Counter (programmable
divider)
TLW12458 – 1
PROGRAMMABLE REFERENCE DIVIDER (R COUNTER) AND COUNTER RESET (R15 LATCH)
If the Control Bit (last bit shifted into the Data Register) is HIGH data is transferred from the 19-bit shift register into a 14-bit
latch (which sets the 14-bit R Counter) and the 1-bit R15 Latch which can be used to force an immediate load of the R and N
counters during a cold power up condition Serial data format is shown below
TLW12458 – 14
14-BIT PROGRAMMABLE REFERENCE DIVIDER RATIO
(R COUNTER)
Divide
14
R
13
R
12
R
11
R
10
RR
9
R
8
R
7
R
6
R
5
R
4
R
3
R
2
R
1
Ratio
R
3
0
0
0
0
0
000000011
4
0
0
0
0
0
000000100
#
#
#
#
#
#
#
########
16383
1
1
1
1
1
1 1 1 1 1 1 1 1 1
Notes
Divide ratios less than 3 are prohibited
Divide ratio 3 to 16383
R1 to R14 These bits select the divide ratio of the programmable
reference divider
C Control bit (set to HIGH level to load R counter and R15 Latch)
Data is shifted in MSB first
1-BIT COUNTER RESET
(R15 LATCH)
Counter
R
Reset
15
Remove
0
Forced Load
Force
1
Load State
The 1-bit counter reset latch controls
whether the R and N counters are im-
mediately forced to load conditions
upon power up If R 15 e HIGH the
N and R latch states are immediately
read into the respective counters
SUGGESTED PROGRAMMING SEQUENCE AFTER COLD POWER-UP
1 Program N counter with desired divide ratio
2 Program R counter with R15e1 and desired divide ratio (N and R counters hold at load state)
3 Program R counter with R15e0 and desired divide ratio (N and R counters start counting)
http
www nationalcom
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com