Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2301TM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2301TM
Description  PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2301TM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX2301TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 12Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 13Page - National Semiconductor (TI) LMX2301TM Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Information
LOOP FILTER DESIGN
A block diagram of the basic phase locked loop is shown
TLW12458 – 24
FIGURE 1 Basic Charge Pump Phase Locked Loop
An example of a passive loop filter configuration including
the transfer function of the loop filter is shown in
Figure 2
TLW12458 – 25
Z(s) e
s (C2
# R2) a 1
s2 (C1
# C2 # R2) a sC1 a sC2
FIGURE 2 2nd Order Passive Filter
Define the time constants which determine the pole and
zero frequencies of the filter transfer function by letting
T2 e R2
# C2
(1a)
and
T1 e R2
#
C1
# C2
C1 a C2
(1b)
The PLL linear model control circuit is shown along with the
open loop transfer function in
Figure 3 Using the phase
detector and VCO gain constants Kw and KVCO and the
loop filter transfer function Z(s)
the open loop Bode plot
can be calculated The loop bandwidth is shown on the
Bode plot (0p) as the point of unity gain The phase margin
is shown to be the difference between the phase at the unity
gain point and b180
TLW12458 – 27
Open Loop Gain e ii ie e H(s) G(s)
e
Kw Z(s) KVCO Ns
Closed Loop Gain e io ii e G(s) 1 a H(s) G(s)
TLW12458 – 26
FIGURE 3 Open Loop Transfer Function
Thus we can calculate the 3rd order PLL Open Loop Gain in
terms of frequency
G(s)
# H(s)
ls e j # 0 e
b
Kw
# KVCO (1 a j0 # T2)
02C1
# N(1 a j0 # T1)
#
T1
T2
(2)
From equation 2 we can see that the phase term will be
dependent on the single pole and zero such that
w
(0) e tanb1 (0
# T2) b tanb1 (0 # T1) a 180
(3)
By setting
dw
d0
e
T2
1 a (0
# T2)2
b
T1
1 a (0
# T1)2
e
0
(4)
we find the frequency point corresponding to the phase in-
flection point in terms of the filter time constants T1 and T2
This relationship is given in equation 5
0p e 1
0T2 # T1
(5)
For the loop to be stable the unity gain point must occur
before the phase reaches b180 degrees We therefore
want the phase margin to be at a maximum when the magni-
tude of the open loop gain equals 1 Equation 2 then gives
C1 e
Kw
# KVCO # T1
0p2 # N # T2
(1 a j0p # T2)
(1 a j0p # T1)
(6)
http
www nationalcom
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com