Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M172 Datasheet(PDF) 41 Page - SMSC Corporation

Part # LPC47M172
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M172 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button LPC47M172 Datasheet HTML 37Page - SMSC Corporation LPC47M172 Datasheet HTML 38Page - SMSC Corporation LPC47M172 Datasheet HTML 39Page - SMSC Corporation LPC47M172 Datasheet HTML 40Page - SMSC Corporation LPC47M172 Datasheet HTML 41Page - SMSC Corporation LPC47M172 Datasheet HTML 42Page - SMSC Corporation LPC47M172 Datasheet HTML 43Page - SMSC Corporation LPC47M172 Datasheet HTML 44Page - SMSC Corporation LPC47M172 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 227 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC/Non-SMSC Register Sets (Rev. 02-27-04)
Page 41
SMSC LPC47M172
DATASHEET
BIT 3 READ DATA TOGGLE
Every inactive edge of the RDATA input causes this bit to change state.
BIT 4 WRITE DATA TOGGLE
Every inactive edge of the WDATA input causes this bit to change state.
BIT 5 DRIVE SELECT 0
Reflects the status of the Drive Select 0 bit of the DOR (address 3F2 bit 0). This bit is cleared after a
hardware reset and it is unaffected by a software reset.
BIT 6 RESERVED
Always read as a logic “1”.
BIT 7 RESERVED
Always read as a logic “1”
PS/2 Model 30 Mode
7
6
5
4
3
2
1
0
nDRV2
nDS1
nDS0
WDATA
F/F
RDATA
F/F
WGATE
F/F
nDS3
nDS2
RESET
COND.
N/A
1
1
0
0
0
1
1
BIT 0 nDRIVE SELECT 2
The DS2 disk interface is not supported.
BIT 1 nDRIVE SELECT 3
The DS3 disk interface is not supported.
BIT 2 WRITE GATE
Active high status of the latched WGATE output signal. This bit is latched by the active going edge of
WGATE and is cleared by the read of the DIR register.
BIT 3 READ DATA
Active high status of the latched RDATA output signal. This bit is latched by the inactive going edge of
RDATA and is cleared by the read of the DIR register.
BIT 4 WRITE DATA
Active high status of the latched WDATA output signal. This bit is latched by the inactive going edge of
WDATA and is cleared by the read of the DIR register. This bit is not gated with WGATE.
BIT 5 nDRIVE SELECT 0
Active low status of the DS0 disk interface output.
BIT 6 nDRIVE SELECT 1
Active low status of the DS1 disk interface output.
BIT 7 nDRV2
Active low status of the DRV2 disk interface input. Note: This function is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com