Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC47M172 Datasheet(PDF) 88 Page - SMSC Corporation

Part # LPC47M172
Description  ADVANCED I/O CONTROLLER WITH MOTHERBOARD GLUE LOGIC
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M172 Datasheet(HTML) 88 Page - SMSC Corporation

Back Button LPC47M172 Datasheet HTML 84Page - SMSC Corporation LPC47M172 Datasheet HTML 85Page - SMSC Corporation LPC47M172 Datasheet HTML 86Page - SMSC Corporation LPC47M172 Datasheet HTML 87Page - SMSC Corporation LPC47M172 Datasheet HTML 88Page - SMSC Corporation LPC47M172 Datasheet HTML 89Page - SMSC Corporation LPC47M172 Datasheet HTML 90Page - SMSC Corporation LPC47M172 Datasheet HTML 91Page - SMSC Corporation LPC47M172 Datasheet HTML 92Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 227 page
background image
Advanced I/O Controller with Motherboard GLUE Logic
Datasheet
SMSC/Non-SMSC Register Sets (Rev. 02-27-04)
Page 88
SMSC LPC47M172
DATASHEET
Note 1
DLAB is Bit 7 of the Line Control Register (ADDR = 3).
Note 2
Bit 0 is the least significant bit. It is the first bit serially transmitted or received.
Note 3
When operating in the XT mode, this bit will be set any time that the transmitter shift register is empty.
Note 4
This bit no longer has a pin associated with it.
Note 5
When operating in the XT mode, this register is not available.
Note 6
These bits are always zero in the non-FIFO mode.
Note 7
Writing a one to this bit has no effect. DMA modes are not supported in this chip.
Note 8
The UART1 and UART2 FCR’s are shadowed in the UART1 FIFO Control Shadow Register (runtime
register at offset 0x20) and UART2 FIFO Control Shadow Register (runtime register at offset 0x21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com