Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS1585 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS1585
Description  5A and 3A Low Dropout Fast Response Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS1585 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMS1585 Datasheet HTML 1Page - National Semiconductor (TI) LMS1585 Datasheet HTML 2Page - National Semiconductor (TI) LMS1585 Datasheet HTML 3Page - National Semiconductor (TI) LMS1585 Datasheet HTML 4Page - National Semiconductor (TI) LMS1585 Datasheet HTML 5Page - National Semiconductor (TI) LMS1585 Datasheet HTML 6Page - National Semiconductor (TI) LMS1585 Datasheet HTML 7Page - National Semiconductor (TI) LMS1585 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Maximum Input to Output Voltage
(V
IN to GND)
13V
Power Dissipation (Note 2)
Internally Limited
Junction Temperature (T
J) (Note 2)
150˚C
Storage Temperature Range
-65˚C to 150˚C
Lead Temperature
260˚C, 10 sec
ESD Tolerance (Note 3)
2000V
Electrical Characteristics
Typicals and limits appearing in normal type apply for T
J = 25˚C. Limits appearing in Boldface type apply over the entire junc-
tion temperature range for operation, 0˚C to 125˚C for commercial grade and −40˚C to 125˚C for industrial grade.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
REF
Reference Voltage
LMS1585A-ADJ
V
IN−VOUT = 3V, IOUT = 10mA
10mA
≤ I
OUT
≤ 5A, 1.5V ≤ V
IN−VOUT
≤ 5.75V
1.238
1.225
1.25
1.250
1.262
1.275
V
V
LMS1587-ADJ
10mA
≤ I
OUT
≤ 3A, 1.5V ≤ V
IN−VOUT
≤ 5.75V
1.225
1.250
1.275
V
V
OUT
Output Voltage
LMS1585A-1.5
I
OUT = 0mA, VIN =5V
0
≤ I
OUT
≤ 5A, 3V ≤ V
IN
≤ 7V
1.485
1.470
1.500
1.515
1.530
V
V
LMS1585A-3.3
I
OUT = 0mA, VIN =5V
0
≤ I
OUT
≤ 5A, 4.75V ≤ V
IN
≤ 7V
3.267
3.235
3.300
3.300
3.333
3.365
V
V
LMS1587-1.5
V
IN = 5V, IOUT = 0mA, TJ = 25˚C
0
≤ I
OUT
≤ 3A, 3V ≤ V
IN
≤ 7V
1.485
1.470
1.500
1.500
1.515
1.530
V
V
LMS1587-3.3
0
≤ I
OUT
≤ 3A, 4.75V ≤ V
IN
≤ 7V
3.235
3.300
3.365
V
∆V
OUT
Line Regulation
(Note 6)
LMS1585A/87-ADJ
I
OUT = 10mA, 2.75V
≤ V
IN
≤ 7V
0.005
0.2
%
LMS1585A/87-3.3
I
OUT = 0mA, 4.75V
≤ V
IN
≤ 7V
0.005
0.2
%
LMS1585A/87-1.5
I
OUT = 0mA, 3V
≤ V
IN
≤ 7V
0.005
0.2
%
∆V
OUT
Load Regulation
(Note 6)
LMS1585A-ADJ
V
IN−VOUT = 3V, 10mA
≤ I
OUT
≤ 5A
0.05
0.3
0.5
%
LMS1585A-1.5/LMS1585A-3.3
V
IN = 5V, 0
≤ I
OUT
≤ 5A
0.05
0.05
0.3
0.5
%
LMS1587-ADJ
V
IN−VOUT = 3V, 10mA
≤ I
OUT
≤ 3A
0.05
0.05
0.3
0.5
%
LMS1587-1.5/LMS1587-3.3
V
IN = 5V, 0
≤ I
OUT
≤ 3A
0.05
0.05
0.3
0.5
%
%
V
IN−VOUT
Dropout Voltage
LMS1585A-ADJ/LMS1587-ADJ
∆V
REF = 1%, IOUT = 3A
1.15
1.3
V
LMS1585A-3.3/LMS1587-3.3/
LMS1585A-1.5/LMS1587-1.5
∆V
OUT = 1%, IOUT = 3A
1.15
1.3
V
LMS1585A-ADJ
∆V
REF = 1%, IOUT = 5A
1.2
1.4
V
LMS1585A-1.5/LMS1585A-3.3
∆V
OUT = 1%, IOUT = 5A
1.2
1.4
V
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com