Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMS1585 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS1585
Description  5A and 3A Low Dropout Fast Response Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS1585 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMS1585 Datasheet HTML 1Page - National Semiconductor (TI) LMS1585 Datasheet HTML 2Page - National Semiconductor (TI) LMS1585 Datasheet HTML 3Page - National Semiconductor (TI) LMS1585 Datasheet HTML 4Page - National Semiconductor (TI) LMS1585 Datasheet HTML 5Page - National Semiconductor (TI) LMS1585 Datasheet HTML 6Page - National Semiconductor (TI) LMS1585 Datasheet HTML 7Page - National Semiconductor (TI) LMS1585 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LMS1585A/LMS1587
5A and 3A Low Dropout Fast Response Regulators
General Description
The LMS1585A and LMS1587 are low dropout positive regu-
lators with output load current of 5A and 3A respectively.
Their low dropout voltage (1.2V) and fast transient response
make them an excellent solution for low voltage micropro-
cessor applications.
The LMS1585A/87 are available in adjustable versions,
which can set the output voltage with only two external
resistors. In addition, they are also available in 1.5V and
3.3V fixed voltage versions (Note 9).
The LMS1585A/87 circuits include a zener trimmed bandgap
reference, current limiting and thermal shutdown.
The LMS1585A/87 series are available in TO-220 and TO-
263 packages.
Features
n
Fast transient response
n
Available in Adjustable, 1.5V, and 3.3V versions
n
Current limiting and thermal protection
n
Commercial temp. range
0˚C to 125˚C
n
Industrial temp. range
−40˚C to 125˚C
n
Line regulation
0.005% (typical)
n
Load regulation
0.05% (typical)
n
Direct replacement for LT™1585A/87
Applications
n
Pentium™ processor supplies
n
PowerPC™ supplies
n
Other microprocessor supplies
n
Low voltage logic supplies
Typical Application
10119701
Connection Diagrams
TO-220
TO-263
10119736
Top View
10119735
Top View
LT is a registered trademark of Linear Technology Corporation
Pentium is a registered trademark of Intel Corporation
PowerPC is a registred trademark of IBM
June 2005
© 2005 National Semiconductor Corporation
DS101197
www.national.com


Similar Part No. - LMS1585

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS1585A TI1-LMS1585A Datasheet
1Mb / 16P
LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI1-LMS1585A Datasheet
1Mb / 15P
LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI1-LMS1585A Datasheet
1Mb / 15P
5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585ACS-1.5 TI1-LMS1585ACS-1.5 Datasheet
1Mb / 15P
LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585ACS-1.5 TI1-LMS1585ACS-1.5 Datasheet
1Mb / 15P
5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
More results

Similar Description - LMS1585

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCL1584 TELCOM-TCL1584 Datasheet
144Kb / 13P
7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
logo
Linear Technology
LT1585A LINER-LT1585A Datasheet
253Kb / 12P
5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
National Semiconductor ...
LMS1585AEP NSC-LMS1585AEP Datasheet
128Kb / 7P
Enhanced Plastic 5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1587CT-33 TI1-LMS1587CT-33 Datasheet
1Mb / 16P
LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
logo
Linear Technology
LT1585A LINER-LT1585A_15 Datasheet
170Kb / 12P
5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585A-3.3 LINER-LT1585A-3.3_15 Datasheet
170Kb / 12P
5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Texas Instruments
LMS1585A TI-LMS1585A_15 Datasheet
1Mb / 14P
LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1587 TI-LMS1587_15 Datasheet
1Mb / 14P
LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI1-LMS1585A Datasheet
1Mb / 15P
LMS1585A 5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LMS1585A TI1-LMS1585A_17 Datasheet
1Mb / 15P
5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com