Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F080D55M1T Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29F080D55M1T
Description  8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F080D55M1T Datasheet(HTML) 1 Page - STMicroelectronics

  M29F080D55M1T Datasheet HTML 1Page - STMicroelectronics M29F080D55M1T Datasheet HTML 2Page - STMicroelectronics M29F080D55M1T Datasheet HTML 3Page - STMicroelectronics M29F080D55M1T Datasheet HTML 4Page - STMicroelectronics M29F080D55M1T Datasheet HTML 5Page - STMicroelectronics M29F080D55M1T Datasheet HTML 6Page - STMicroelectronics M29F080D55M1T Datasheet HTML 7Page - STMicroelectronics M29F080D55M1T Datasheet HTML 8Page - STMicroelectronics M29F080D55M1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1/36
PRELIMINARY DATA
April 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M29F080D
8 Mbit (1Mb x8, Uniform Block)
5V Supply Flash Memory
FEATURES SUMMARY
s
SUPPLY VOLTAGE
–VCC = 5V ±10% for PROGRAM, ERASE and
READ OPERATIONS
s
ACCESS TIME: 55, 70, 90ns
s
PROGRAMMING TIME
– 10µs per Byte typical
s
16 UNIFORM 64Kbyte MEMORY BLOCKS
s
PROGRAM/ERASE CONTROLLER
– Embedded Byte Program algorithms
s
ERASE SUSPEND and RESUME MODES
– Read and Program another Block during
Erase Suspend
s
UNLOCK BYPASS PROGRAM COMMAND
– Faster Production/Batch Programming
s
TEMPORARY BLOCK UNPROTECTION
MODE
s
COMMON FLASH INTERFACE
– 64 bit Security Code
s
LOW POWER CONSUMPTION
– Standby and Automatic Standby
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: F1h
Figure 1. Packages
TSOP40 (N)
10 x 20mm
SO44 (M)


Similar Part No. - M29F080D55M1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F080D55M1T STMICROELECTRONICS-M29F080D55M1T Datasheet
602Kb / 37P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
More results

Similar Description - M29F080D55M1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29W008T STMICROELECTRONICS-M29W008T Datasheet
219Kb / 30P
8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
Jun-1999
M50FW080 STMICROELECTRONICS-M50FW080 Datasheet
444Kb / 56P
8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
24-Oct-2006
M50LPW080 STMICROELECTRONICS-M50LPW080 Datasheet
272Kb / 44P
8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
02-Aug-2004
M29F800DT STMICROELECTRONICS-M29F800DT Datasheet
332Kb / 39P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
17-Feb-2003
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
15-Jul-2003
M29F032D STMICROELECTRONICS-M29F032D Datasheet
286Kb / 35P
32 Mbit (4Mb x8, Uniform Block) 5V Supply Flash Memory
Apr-2002
M29F800DT STMICROELECTRONICS-M29F800DT_06 Datasheet
420Kb / 53P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
24-Aug-2006
M29F080D STMICROELECTRONICS-M29F080D_05 Datasheet
602Kb / 37P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com