Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F080D55M1T Datasheet(PDF) 27 Page - STMicroelectronics

Part # M29F080D55M1T
Description  8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F080D55M1T Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M29F080D55M1T Datasheet HTML 23Page - STMicroelectronics M29F080D55M1T Datasheet HTML 24Page - STMicroelectronics M29F080D55M1T Datasheet HTML 25Page - STMicroelectronics M29F080D55M1T Datasheet HTML 26Page - STMicroelectronics M29F080D55M1T Datasheet HTML 27Page - STMicroelectronics M29F080D55M1T Datasheet HTML 28Page - STMicroelectronics M29F080D55M1T Datasheet HTML 29Page - STMicroelectronics M29F080D55M1T Datasheet HTML 30Page - STMicroelectronics M29F080D55M1T Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27/36
M29F080D
APPENDIX B. COMMON FLASH INTERFACE (CFI)
The Common Flash Interface is a JEDEC ap-
proved, standardized data structure that can be
read from the Flash memory device. It allows a
system software to query the device to determine
various electrical and timing parameters, density
information and functions supported by the mem-
ory. The system can interface easily with the de-
vice, enabling the software to upgrade itself when
necessary.
When the CFI Query Command is issued the de-
vice enters CFI Query mode and the data structure
is read from the memory. Tables 17, 18, 19, 20, 21
and 22 show the addresses used to retrieve the
data.
The CFI data structure also contains a security
area where a 64 bit unique security number is writ-
ten (see Table 22, Security Code area). This area
can be accessed only in Read mode by the final
user. It is impossible to change the security num-
ber after it has been written by ST. Issue a Read
command to return to Read mode.
Table 17. Query Structure Overview
Note: Query data are always presented on the lowest order data outputs.
Table 18. CFI Query Identification String
Address
Sub-section Name
Description
10h
CFI Query Identification String
Command set ID and algorithm data offset
1Bh
System Interface Information
Device timing & voltage information
27h
Device Geometry Definition
Flash device layout
40h
Primary Algorithm-specific Extended Query
table
Additional information specific to the Primary
Algorithm (optional)
61h
Security Code Area
64 bit unique device number
Address
Data
Description
Value
10h
51h
"Q"
11h
52h
Query Unique ASCII String "QRY"
"R"
12h
59h
"Y"
13h
02h
Primary Algorithm Command Set and Control Interface ID code 16 bit ID code
defining a specific algorithm
AMD
Compatible
14h
00h
15h
40h
Address for Primary Algorithm extended Query table (see Table 20)
P = 40h
16h
00h
17h
00h
Alternate Vendor Command Set and Control Interface ID Code second vendor
- specified algorithm supported
NA
18h
00h
19h
00h
Address for Alternate Algorithm extended Query table
NA
1Ah
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com