Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9251 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MAS9251
Description  REGULATED CHARGE PUMP DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MAS9251 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MAS9251 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6 (11)
DA9251.001
25 October, 2001
$33/,&$7,21,1)250$7,21
N
)L[HG9 9ROWDJH6XSSO\
N
$GMXVWDEOH9ROWDJH6XSSO\
N.B.! The values of R1 and R2 should be selected so that VOUT does not exceed 5.3 V.
3DUDPHWHU
6\PERO
0LQ
7\S
0D[
8QLW
1RWH
Output Capacitance
COUT
0.47
1
µF
Low ESR (< 0.1
Ω) ceramic
capacitor recommended, especially
with high load current
Flying Capacitance
CFLY
0.68
1
µF
Low ESR (< 0.1
Ω) ceramic
capacitor required (note 2)
Input Capacitance
CIN
0.47
1
µF
Low ESR (< 0.1
Ω) ceramic
capacitor recommended, especially
with high load current
Values given on the table are minimum requirements unless otherwise specified. When selecting capacitors,
tolerance and temperature coefficient must be considered to make sure that the requirement is met in all
potential operating conditions.
1RWH : Polarized capacitor should never be used, since the capacitor voltage can reverse during operation.
CTRL
VIN
PGND
SGND
VOUT
NC
C-
C+
C
FLY
1
µF
C
IN
1
µF
C
OUT
1
µF
MAS9251AF
3
2
6
8
45
1
7
V
IN = 2.7 V... 4.5 V
V
OUT = 5 V
OFF ON
CTRL
VIN
PGND
SGND
VOUT
FB
C -
C +
C
FLY
1
µF
C
IN
1
µF
C
OUT
1
µF
R1
R2
MAS9251AS
3
2
6
8
45
1
7
V
IN = 2.7 V... 4.5 V
V
OUT = (1+R1/R2) * VFB
OFF ON
I
≥10µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com