Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9251 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MAS9251
Description  REGULATED CHARGE PUMP DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MAS9251 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MAS9251 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 10Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9 (11)
DA9251.001
25 October, 2001
62/'(5,1*,1)250$7,21
Resistance to Soldering Heat
According to RSH test IEC 68-2-58/20 2*220
°C
Maximum Reflow Temperature
235
°C
Maximum Number of Reflow Cycles
2
Seating Plane Co-planarity
max 0.08 mm
Lead Finish
Solder plate 7.62 - 25.4
µm, material Sn 85% Pb 15%
(0%266('7$3(63(&,),&$7,216
'LPHQVLRQ
0LQ0D[
8QLW
Ao
5.00
–0.10
mm
Bo
3.20
–0.10
mm
Do
1.50 +0.1/-0.0
mm
D1
1.50 min
mm
E1.75
mm
F
5.50
–0.05
mm
Ko
1.45
–0.10
mm
Po
4.0
mm
P1
8.0
–0.10
mm
P2
2.0
–0.05
mm
T
0.3
–0.05
mm
W
12.00 +0.30/-0.10
mm
A
Section A-A
W
AO
T
BO
KO
DO
D1
PO
P1
P2
F
E
User Direction of Feed
Pin 1 Designator



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com