Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT.500.B Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # MAT.500.B
Description  Worldwide 4G Bands including 3G and 2G
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MAT.500.B Datasheet(HTML) 4 Page - Taoglas antenna solutions

  MAT.500.B Datasheet HTML 1Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 2Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 3Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 4Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 5Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 6Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 7Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 8Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
SPE-17-8-002/A
Page 4 of 35
2.4GHz/5GHz Wi-Fi Antenna
Frequency (MHz)
2400~2500
4900~5850
Efficiency (%)
MIMO_1
50.51
61.87
MIMO_2
65.72
60.18
Average Gain(dBi)
MIMO_1
-2.97
-2.10
MIMO_2
-1.84
-2.22
Peak Gain(dBi)
MIMO_1
5.14
4.77
MIMO_2
5.82
4.96
Impedance
50Ω
Polarization
Linear
VSWR
< 2.2
Cable
ψ1.37 Micro Coax. 68mm for MIMO_1, 118mm for
MIMO_2 standard, fully customizable
Connector
I-PEX standard, fully customizable
MECHANICAL
Antenna Dimensions
157.32mm*103.19mm*30mm
Weight
66g
ENVIRONMENTAL
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 90°C
Humidity
Non-condensing 65°C 95% RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com