Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT.500.B Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # MAT.500.B
Description  Worldwide 4G Bands including 3G and 2G
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MAT.500.B Datasheet(HTML) 3 Page - Taoglas antenna solutions

  MAT.500.B Datasheet HTML 1Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 2Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 3Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 4Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 5Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 6Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 7Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 8Page - Taoglas antenna solutions MAT.500.B Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
SPE-17-8-002/A
Page 3 of 35
2. Specification
GPS-GLONASS
Center Frequency
GPS:1575.42±1.023 MHz
GLONASS:1602±5 MHz
Passive Antenna
Efficiency
GPS: 75%
GLONASS: 68%
Average gain
GPS: -1.2dBi
GLONASS: -1.6dBi
Peak gain
GPS: 5.47dBi
GLONASS: 4.9dBi
VSWR
2:1 Max
Impedance
50Ω
Axial Ratio
GPS:< 5.1
GLONASS:< 6.3
Polarization
RHCP
Cable
ψ1.37 Micro Coax. 68mm standard, fully customizable
Connector
IPEX standard, fully customizable
4G/3G/2G LTE Antenna
Frequency (MHz)
LTE700
GSM850
GSM900
DCS
PCS
UMTS1
LTE2600
698~803 824~894
880~960 1710~1880 1850~1990 1920~2170 2490~2690
Efficiency (%)
MIMO_1
44.65
50.40
28.06
68.20
67.23
56.83
33.30
MIMO_2
40.43
35.92
25.54
66.06
60.22
56.20
29.30
Average Gain(dBi)
MIMO_1
-3.58
-3.04
-5.70
-1.67
-1.74
-2.55
-4.78
MIMO_2
-4.00
-4.60
-5.93
-1.83
-2.21
-2.51
-5.34
Peak Gain(dBi)
MIMO_1
0.28
1.70
1.70
6.79
7.06
6.81
1.35
MIMO_2
0.55
1.07
-1.42
5.23
5.23
4.64
1.38
Envelope Correlation Coefficient (ECC)
< 0.33
Impedance
50Ω
Polarization
Linear
VSWR
< 4
Cable
ψ1.37 78mm/MIMO_1, 133mm/MIMO_2 standard, fully
customizable
Connector
I-PEX standard, fully customizable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com