Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2346 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2346
Description  PLLatinum??Frequency Synthesizer for RF Personal Communications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2346 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2346 Datasheet HTML 1Page - National Semiconductor (TI) LMX2346 Datasheet HTML 2Page - National Semiconductor (TI) LMX2346 Datasheet HTML 3Page - National Semiconductor (TI) LMX2346 Datasheet HTML 4Page - National Semiconductor (TI) LMX2346 Datasheet HTML 5Page - National Semiconductor (TI) LMX2346 Datasheet HTML 6Page - National Semiconductor (TI) LMX2346 Datasheet HTML 7Page - National Semiconductor (TI) LMX2346 Datasheet HTML 8Page - National Semiconductor (TI) LMX2346 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LMX2346/LMX2347
PLLatinum™ Frequency Synthesizer for RF Personal
Communications
LMX2346
2.0 GHz
LMX2347
2.5 GHz
General Description
The LMX2346/7 are high performance frequency synthesiz-
ers with an integrated 32/33 dual modulus prescaler. The
LMX2346 is designed for RF operation up to 2.0 GHz. The
LMX2347 is designed for RF operation up to 2.5 GHz. Using
a proprietary digital phase locked loop technique, the
LMX2346/7 generates very stable, low noise control signals
for UHF and VHF voltage controlled oscillators.
Serial data is transferred into the LMX2346/7 via a three-line
MICROWIRE interface (DATA, LE, CLOCK). Supply voltage
range is from 2.7V to 5.5V. The charge pump provides 4 mA
output current.
The LMX2346/7 are manufactured using National’s 0.5µ
ABiC V silicon BiCMOS process and is available in 16-pin
TSSOP and 16-pin CSP packages.
Features
n
RF operation up to 2.5 GHz
n
2.7V to 5.5V operation
n
Digital & Analog Lock Detect
n
32/33 Dual modulus prescaler
n
Excellent Phase Noise
n
Internal balanced, low leakage charge pump
n
Pin Compatible to LMX2323
Applications
n
Cellular DCS/PCS/3G infrastructure equipment
n
Wireless Local Area Networks (WLANs)
n
Other wireless communication systems
Functional Block Diagram
20038406
PLLatinum™ is a trademark of National Semiconductor Corporation.
June 2004
© 2004 National Semiconductor Corporation
DS200384
www.national.com


Similar Part No. - LMX2346

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2301 NSC-LMX2301 Datasheet
225Kb / 14P
PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2301TM NSC-LMX2301TM Datasheet
225Kb / 14P
PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2301TMX NSC-LMX2301TMX Datasheet
225Kb / 14P
PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2305 NSC-LMX2305 Datasheet
228Kb / 14P
PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
LMX2305TM NSC-LMX2305TM Datasheet
228Kb / 14P
PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2346

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
PLLatinum Dual Frequency Synthesizer for RF Personal Communications
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com