Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2346 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2346
Description  PLLatinum??Frequency Synthesizer for RF Personal Communications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2346 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMX2346 Datasheet HTML 13Page - National Semiconductor (TI) LMX2346 Datasheet HTML 14Page - National Semiconductor (TI) LMX2346 Datasheet HTML 15Page - National Semiconductor (TI) LMX2346 Datasheet HTML 16Page - National Semiconductor (TI) LMX2346 Datasheet HTML 17Page - National Semiconductor (TI) LMX2346 Datasheet HTML 18Page - National Semiconductor (TI) LMX2346 Datasheet HTML 19Page - National Semiconductor (TI) LMX2346 Datasheet HTML 20Page - National Semiconductor (TI) LMX2346 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Charge Pump Current Specification Definitions
20038437
I1 = Charge Pump Sink Current at VCPo =VP − ∆V
I2 = Charge Pump Sink Current at VCPo =VP/2
I3 = Charge Pump Sink Current at VCPo = ∆V
I4 = Charge Pump Source Current at VCPo =VP − ∆V
I5 = Charge Pump Source Current at VCPo =VP/2
I6 = Charge Pump Source Current at VCPo = ∆V
∆V = Voltage offset from the positive and negative rails. Dependent on the VCO tuning range relative to VCC and GND. Typical values are between 0.5V and
1.0V.
Charge Pump Output Current Magnitude Variation Vs Charge Pump Output Voltage
20038463
Charge Pump Output Current Sink Vs Charge Pump Output Current Source Mismatch
20038464
Charge Pump Output Current Magnitude Variation Vs Temperature
20038465
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com