Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2335LSLB Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2335LSLB
Description  PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335LSLB Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX2335LSLB Datasheet HTML 8Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 9Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 10Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 11Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 12Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 13Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 14Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 15Page - National Semiconductor (TI) LMX2335LSLB Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Functional Description (Continued)
TABLE 1. Programmable Modes
C1
C2
R16
R17
R18
R19
R20
0
0
RF2 Phase
RF2 I
CPo
RF2 D
o
RF2 LD
RF2 F
o
Detector Polarity
TRI-STATE
0
1
RF1 Phase
RF1 I
CPo
RF1 D
o
RF1 LD
RF1 F
o
Detector Polarity
TRI-STATE
C1
C2
N19
N20
1
0
RF2
Pwdn
Prescaler
RF2
1
1
RF1
Pwdn
Prescaler
RF1
TABLE 2. Mode Select Truth Table
Phase Detector
D
o TRI-STATE
I
CPo
RF1
RF2
Pwdn
Polarity (Note 9)
(Note 7)
(Note 8)
Prescaler
Prescaler
(Note 7)
0
Negative
Normal Operation
LOW
64/65
64/65
pwrd up
1
Positive
TRI-STATE
HIGH
128/129
128/129
pwrd dn
Note 7: Refer to POWERDOWN OPERATION in Functional Description.
Note 8: The ICPo LOW current state = 1/4xICPo HIGH current.
Note 9: PHASE DETECTOR POLARITY
Depending upon VCO characteristics, the R16 bits should be set accordingly:
When VCO characteristics are positive like (1), R16 should be set HIGH;
When VCO characteristics are negative like (2), R16 should be set LOW.
VCO Characteristics
DS012807-8
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com