Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2353TM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2353TM
Description  PLLatinum??Fractional N Single 2.5 GHz Frequency Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2353TM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX2353TM Datasheet HTML 1Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 2Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 3Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics (V
CC = Vp = 3.0V; −40˚C < TA < 85˚C except as specified). (Continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
DIGITAL INTERFACE (DATA, CLK, LE, EN, F
oLD)
I
IH
High-Level Input Current
V
IH = VCC = 5.5V, (Note 4)
−1.0
1.0
µA
I
IL
Low-Level Input Current
V
IL = 0, VCC = 5.5V, (Note 4)
−1.0
1.0
µA
I
IH
Oscillator Input Current
V
IH =VCC = 5.5V
100
µA
I
IL
Oscillator Input Current
V
IL =0,VCC = 5.5V
−100
µA
V
OH
High-Level Output Voltage
I
OH = −500 µA
V
CC −
0.4
V
V
OL
Low-Level Output Voltage
I
OL = 500 µA
0.4
V
MICROWIRE TIMING
t
CS
Data to Clock Setup Time
See Data Input Timing
50
ns
t
CH
Data to Clock Hold Time
See Data Input Timing
10
ns
t
CWH
Clock Pulse Width High
See Data Input Timing
50
ns
t
CWL
Clock Pulse Width Low
See Data Input Timing
50
ns
t
ES
Clock to Load Enable Setup
Time
See Data Input Timing
50
ns
t
EW
Load Enable Pulse Width
See Data Input Timing
50
ns
Note 3: Minimum operating frequencies are not production tested — only characterized.
Note 4: Except fIN and OSCIN.
1.0 Functional Description
The basic phase-lock-loop (PLL) configuration consists of a high-stability crystal reference oscillator, a frequency synthesizer
such as the National Semiconductor LMX2353, a voltage controlled oscillator (VCO), and a passive loop filter. The frequency syn-
thesizer includes a phase detector, current mode charge pump, as well as programmable reference [R] and feedback [N] fre-
quency dividers. The VCO frequency is established by dividing the crystal reference signal down via the R counter to obtain a fre-
quency that sets the comparison frequency. This reference signal, fr, is then presented to the input of a phase/frequency detector
and compared with another signal, fp, the feedback signal, which was obtained by dividing the VCO frequency down by way of
the N counter and fractional circuitry. The phase/frequency detector’s current source outputs pump charge into the loop filter,
which then converts the charge into the VCO’s control voltage. The phase/frequency comparator’s function is to adjust the voltage
presented to the VCO until the feedback signal’s frequency (and phase) match that of the reference signal. When this “phase-
locked” condition exists, the RF VCO’s frequency will be N+F times that of the comparison frequency, where N is the integer di-
vide ratio and F is the fractional component. The fractional synthesis allows the phase detector frequency to be increased while
maintaining the same frequency step size for channel selection. The division value N is thereby reduced giving a lower phase
noise referred to the phase detector input, and the comparison frequency is increased allowing faster switching times.
1.1 REFERENCE OSCILLATOR INPUT
The reference oscillator frequency for the PLL is provided by an external reference TCXO through the OSC
in pin. OSCin block can
operate to 50 MHz with a minimum input sensitivity of 0.5 V
pp. The inputs have a VCC/2 input threshold and can be driven from
an external CMOS or TTL logic gate.
1.2 REFERENCE DIVIDER (R-COUNTER)
The R-counter is clocked through the oscillator block. The maximum frequency is 50 MHz. The R-counter is CMOS design and
15-bit in length with programmable divider ratio from 3 to 32,767.
1.3 FEEDBACK DIVIDER (N-COUNTER)
The N counter is clocked by the small signal f
IN input pin. The N counter is 19 bits with 15 bits integer divide and 4 bits fractional.
The integer part is configured as a 5-bit A counter and a 10-bit B counter. The LMX2353 is capable of operating from 500 MHz
to 1.2 GHz with the 16/17 prescaler offering a continuous integer divide range from 272 to 16399, and 1.2 GHz to 2.5 GHz with
the 32/33 prescaler offering a continuous integer divide range from 1056 to 32767. The fractional compensation is programmable
in either 1/15 or 1/16 modes.
1.3.1 Prescaler
The RF input to the prescaler consist of f
IN and fINB; which are complimentary inputs to a differential pair amplifier. The compli-
mentary input is internally coupled to ground with a 10 pF capacitor. This input is typically AC coupled to ground through external
capacitors as well. A 16/17 or 32/33 prescaler ratio can be selected.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com