Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2353TM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2353TM
Description  PLLatinum??Fractional N Single 2.5 GHz Frequency Synthesizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2353TM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX2353TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2353TM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2.0 Programming Description (Continued)
2.2 R REGISTER
If the ADDRESS[1:0] field is set to 1 0 data is transferred from the 24-bit shift register into the R register which sets the PLL’ s
15-bit R-counter divide ratio when Latch Enable (LE) signal goes high. The divide ratio is put into the R_CNTR[14:0] field and is
described in section 2.2.1. The divider ratio must be
≥ 3. The bits used to control the voltage doubler (V2_EN), Delay Lock Loop,
(DLL_MODE), Charge Pump (CP_WORD) are detailed in section 2.2.2 -2.2.4 below.
Most Significant Bit
SHIFT REGISTER BIT LOCATION
Least Significant Bit
23
22
21
20
19
18
17
16
15
14
13
12
11 10
987654
3
2
1
0
Data Field
Address Field
DLL_
MODE
V2_
EN
CP_WORD[4:0]
R_CNTR[14:0]
10
R
_21
R
_20
R
_19
R
_18
R
_17
R
_16
R
_15
R
_14
R
_13
R
_12
R
_11
R
_10
R
_9
R
_8
R
_7
R
_6
R
_5
R
_4
R
_3
R
_2
R
_1
R
_0
2.2.1 Reference Divide Ratio
(R_CNTR)
If the ADDRESS[1:0] field is set to 1 0 data is transferred MSB first from the 24-bit shift register into a latch which sets the 15-bit
R Counter, R_CNTR[14:0]. Serial data format is shown below.
R_CNTR[14:0]
Divide Ratio
R_14 R_13 R_12 R_11 R_10
R_9
R_8
R_7
R_6
R_5
R_4
R_3
R_2
R_1
R_0
3
000000000000011
4
000000000000100
•
•••••••••••••••
32,767
111111111111111
Note: R-counter divide ratio must be from 3 to 32,767.
2.2.2 V2_EN
(R_20)
The V2_EN bit when set high enables the voltage doubler for the charge pump supply.
Bit
Location
Function
0
1
V2_EN
R_20
Voltage Doubler Enable
Disable
Enabled
2.2.3 DLL_MODE
(R_21)
The DLL_MODE bit should be set to 1 for normal usage.
Bit
Location
Function
0
1
DLL_MODE
R_21
Delay Line Loop
Calibration Mode
Slow
Fast
2.2.4 CP_WORD
(R_15-R_19)
R_19
R_18
R_17
R_16
R_15
CP_8X
CP_4X
CP_2X
CP_1X
PD_POL
2.2.4.1 Charge Pump Output Truth Table
ICP
O µA (typ)
R_19
R_18
R_17
R_16
CP_8X
CP_4X
CP_2X
CP_1X
100
0000
200
0001
300
0010
400
0011
-
----
900
1000
-
----
1600
1111
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com