Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2502 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2502
Description  PLLatinum??Frequency Synthesizer System with Integrated VCO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2502 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX2502 Datasheet HTML 4Page - National Semiconductor (TI) LMX2502 Datasheet HTML 5Page - National Semiconductor (TI) LMX2502 Datasheet HTML 6Page - National Semiconductor (TI) LMX2502 Datasheet HTML 7Page - National Semiconductor (TI) LMX2502 Datasheet HTML 8Page - National Semiconductor (TI) LMX2502 Datasheet HTML 9Page - National Semiconductor (TI) LMX2502 Datasheet HTML 10Page - National Semiconductor (TI) LMX2502 Datasheet HTML 11Page - National Semiconductor (TI) LMX2502 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Functional Description (Continued)
TABLE 2. Power Down Configuration
CE Pin
RF_EN
IF_EN
RF Circuitry
IF Circuitry
0
X
X
OFF
OFF
1
0
0
OFF
OFF
1
0
1
OFF
ON
1
1
0
ON
OFF
11
1
ON
ON
X = Don’t care.
LOCK DETECT
The LD output can be used to indicate the lock status of the
RF PLL. Bit 21 in Register R0 determines the signal that
appears on the LD pin. When the RF PLL is not locked, the
LD pin remains LOW. After obtaining phase lock, the LD pin
will have a logical HIGH level. The output can also be
programmed to be ground at all times.
TABLE 3. Lock Detect Modes
LD Bit
Mode
0
Disable (GND)
1
Enable
TABLE 4. Lock Detect Logic
RF PLL Section
LD Output
Locked
HIGH
Not Locked
LOW
Note 9: LD output becomes LOW when the phase error is larger than tW2.
Note 10: LD output becomes HIGH when the phase error is less than tW1 for
four or more consecutive cycles.
Note 11: Phase Error is measured on leading edge. Only errors greater than
tW1 and tW2 are labeled.
Note 12: tW1 and tW2 are equal to 10 ns.
Note 13: The lock detect comparison occurs with every 64th cycle of fR and
fN.
20068005
FIGURE 1. Lock Detect Timing Diagram Waveform (Notes 9, 10, 11, 12, 13)
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com