Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2502 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2502
Description  PLLatinum??Frequency Synthesizer System with Integrated VCO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2502 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX2502 Datasheet HTML 7Page - National Semiconductor (TI) LMX2502 Datasheet HTML 8Page - National Semiconductor (TI) LMX2502 Datasheet HTML 9Page - National Semiconductor (TI) LMX2502 Datasheet HTML 10Page - National Semiconductor (TI) LMX2502 Datasheet HTML 11Page - National Semiconductor (TI) LMX2502 Datasheet HTML 12Page - National Semiconductor (TI) LMX2502 Datasheet HTML 13Page - National Semiconductor (TI) LMX2502 Datasheet HTML 14Page - National Semiconductor (TI) LMX2502 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Programming Description (Continued)
R0 REGISTER
The R0 register address bits (R0 [1:0]) are “00”.
The SPI_DEF bit selects between using the default IF counter values and user programmable values. The use of the default
counter values requires that only words R0 to R3 (registers R3, loaded first, to R0, loaded last) be sent after initial power up.
The RF_LD bit activates the lock detect output of the LD pin (pin 19). The lock detect mode shows the lock status of the RF PLL.
The waveform of the lock detect mode is shown in Figure 1,inthe Functional Description section on LOCK DETECT.
The RF N counter consists of the 4-bit programmable counter (RF_B counter), the 3-bit swallow counter (RF_A counter) and the
11-bit delta sigma modulator (RF_FN counter). The equations for calculating the counter values are presented below.
R0 REGISTER
MSB
SHIFT REGISTER BIT LOCATION
LSB
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
Data Field
Address
Field
R0
(Default)
SPI_
DEF
RF_
SEL
RF_
LD
0
RF_B
[3:0]
RF_A
[2:0]
RF_FN
[10:0]
00
Name
Functions
SPI_DEF
Default Register Selection
0 = OFF (Use values set in R0 to R6)
1 = ON (Use default values set in R0 to R3)
RF_SEL
RF VCO Selection
0 = LMX2512
1 = LMX2502
RF_LD
RF Lock Detect
0 = Hard zero (GND)
1 = Lock detect
RF_B [3:0]
RF_B Counter
4-bit programmable counter
2
≤ RF_B ≤ 15
RF_A [2:0]
RF_A Counter
3-bit swallow counter
0
≤ RF_A ≤ 7 for LMX2502
0
≤ RF_A ≤ 5 for LMX2512
RF_FN [10:0]
RF Fractional Numerator Counter
11-bit programmable counter
0
≤ RF_FN < 1920 for f
OSC = 19.20 MHz
0
≤ RF_FN < 1968 for f
OSC = 19.68 MHz
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com