Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5200ID Datasheet(PDF) 21 Page - Motorola, Inc

Part # MPC5200ID
Description  Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC5200ID Datasheet(HTML) 21 Page - Motorola, Inc

Back Button MPC5200ID Datasheet HTML 17Page - Motorola, Inc MPC5200ID Datasheet HTML 18Page - Motorola, Inc MPC5200ID Datasheet HTML 19Page - Motorola, Inc MPC5200ID Datasheet HTML 20Page - Motorola, Inc MPC5200ID Datasheet HTML 21Page - Motorola, Inc MPC5200ID Datasheet HTML 22Page - Motorola, Inc MPC5200ID Datasheet HTML 23Page - Motorola, Inc MPC5200ID Datasheet HTML 24Page - Motorola, Inc MPC5200ID Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
MOTOROLA
MPC5200 Hardware Specifications
21
Electrical and Thermal Characteristics
3.3.5 SDRAM
3.3.5.4
Memory Interface Timing-Standard SDRAM Read Command
Figure 5 Timing Diagram—Standard SDRAM Memory Read Timing
Table 18 Standard SDRAM Memory Read Timing
Sym
DescriptionMin
Max
Un
its SpecID
tmem_clk MEM_CLK period
7.5
—
ns
A5.1
tvalid
Control Signals, Address and MBA Valid
after rising edge of MEM_CLK
—tmem_clk*0.5+0.4
ns
A5.2
thold
Control Signals, Address and MBA Hold
after rising edge of MEM_CLK
tmem_clk*0.5
—
ns
A5.3
DMvalid DQM valid after rising edge of
MEM_CLK
—tmem_clk*0.25+0.4
ns
A5.4
DMhold DQM hold after rising edge of MEM_CLK tmem_clk*0.25-0.7
—
ns
A5.5
datasetup MDQ setup to rising edge of MEM_CLK
—
0.3
ns
A5.6
datahold MDQ hold after rising edge of MEM_CLK
0.2
—
ns
A5.7
MEM_CLK
Control Signals
MDQ (Data)
MA (Address)
NOTE: Control Signals are composed of RAS, CAS, MEM_WE, MEM_CS, MEM_CS1 and CLK_EN
Active
NOP
READ
NOP
NOP
NOP
NOP
thold
Row
Column
MBA (Bank Selects)
tvalid
thold
tvalid
thold
tvalid
DQM (Data Mask)
DMvalid
DMhold
NOP
datahold
datasetup
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com