Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1521 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLK1521
Description  500 Mbps to 1.3 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1521 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLK1521 Datasheet HTML 4Page - Texas Instruments TLK1521 Datasheet HTML 5Page - Texas Instruments TLK1521 Datasheet HTML 6Page - Texas Instruments TLK1521 Datasheet HTML 7Page - Texas Instruments TLK1521 Datasheet HTML 8Page - Texas Instruments TLK1521 Datasheet HTML 9Page - Texas Instruments TLK1521 Datasheet HTML 10Page - Texas Instruments TLK1521 Datasheet HTML 11Page - Texas Instruments TLK1521 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TLK1521
500 Mbps to 1.3 Gbps TRANSCEIVER
SLLS591A− OCTOBER 2003 − REVISED JANUARY 2004
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
SIGNAL PIN
DOUTTXP
60
Output
(High-Z
Serial transmit outputs. DOUTTXP and DOUTTXN are differential serial outputs that interface to
copper or an optical I/F module. These terminals transmit NRZ data at a rate of 20 times the GTX_CLK
DOUTTXN
59
(High-Z
power up)
copper or an optical I/F module. These terminals transmit NRZ data at a rate of 20 times the GTX_CLK
value. DOUTTXP and DOUTTXN are put in a high-impedance state when LOOPEN is high and are
active when LOOPEN is low. During power-on reset, these pins are high impedance.
DINRXP
54
Input
Serial receive inputs. DINRXP and DINRXN together are the differential serial input interface from a
copper or an optical I/F module.
DINRXN
53
Input
Serial receive inputs. DINRXP and DINRXN together are the differential serial input interface from a
copper or an optical I/F module.
GTX_CLK
8
Input
Reference clock. GTX_CLK is a continuous external input clock that synchronizes the transmitter
interface TXD. The frequency range of GTX_CLK is 25 MHz to 65 MHz. The transmitter uses the rising
edge of this clock to register the 18-bit input data (TXD) for serialization.
TXD0
62
TXD1
63
TXD2
64
TXD3
2
TXD4
3
TXD5
4
TXD6
6
TXD7
7
Transmit data bus. These inputs carry the 18-bit parallel data output from a protocol device to the
TXD8
10
Input
Transmit data bus. These inputs carry the 18-bit parallel data output from a protocol device to the
transceiver for encoding, serialization and transmission. This 18-bit parallel data is clocked into the
TXD9
11
Input
transceiver for encoding, serialization and transmission. This 18-bit parallel data is clocked into the
transceiver on the rising edge of GTX_CLK as shown in Figure 6.
TXD1
12
transceiver on the rising edge of GTX_CLK as shown in Figure 6.
TXD11
14
TXD12
15
TXD13
16
TXD14
17
TXD15
19
TXD16
20
TXD17
22
RXD0
51
RXD1
50
RXD2
49
RXD3
47
RXD4
46
RXD5
45
RXD6
44
RXD7
42
Output
Receive data bus. These outputs carry 18-bit parallel data output from the transceiver to the protocol
RXD8
40
Output
(High-Z on
Receive data bus. These outputs carry 18-bit parallel data output from the transceiver to the protocol
device, synchronized to RX_CLK. The data is valid on the rising edge of RX_CLK as shown in Figure 7.
RXD9
39
(High-Z on
power up)
device, synchronized to RX_CLK. The data is valid on the rising edge of RX_CLK as shown in Figure 7.
These pins are tri-stated during power-on reset.
RXD10
37
power up)
These pins are tri-stated during power-on reset.
RXD11
36
RXD12
35
RXD13
34
RXD14
32
RXD15
31
RXD16
30
RXD17
29
RX_CLK
41
Output (low
on power up)
Recovered clock. Output clock that is synchronized to RXD. RX_CLK is the recovered serial data rate
clock divided by 20. RX_CLK is held low during power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com