Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD9-18 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # GD9-18
Description  Low wind loading patented wire grid design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

GD9-18 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  GD9-18 Datasheet HTML 1Page - Laird Tech Smart Technology GD9-18 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Technology
for a Connected World
900 TO 928 MHz NLOS SERIES GRID DISH ANTENNA
The NLOS series grid dish antenna system offered by Laird Technologies is constructed of heavy duty
galvanized welded steel with light gray powder coat paint overcoat for long service life. These antennas
have high gain and good front to back performance to minimize external interference. They come standard
with an 18 inch pigtail cable terminated with an N female connector. Other connector types are available
upon request.
global solutions: local support
TM
Americas: +1.847 839.6907
IAS-AmericasEastSales@lairdtech.com
Europe: +1.32.80.7866.12
IAS-EUSales@lairdtech.com
Asia: +1.65.6.243.8022
IAS-AsiaSales@lairdtech.com
www.lairdtech.com
FEATURES
• Highgaindirectional900MHzantenna
• Lowwindloadingpatentedwiregriddesign
• Verticalpolarization
• 18inpigtailwithtypeNfemaleconnectorstandard
MARKETS
• 900MHzISMbandapplications
•900MHzbackhaulapplications
•Nonline-of-sightapplications
•Point-to-pointsystems
•WiMAX
ANTENNA PATTERN
E-plane at 902 MHz
H-plane at 902 MHz
NLOS Grid Dish Antenna
GD9-18


Similar Part No. - GD9-18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD9-15 ETC2-GD9-15 Datasheet
1Mb / 12P
Client Side Antennas
logo
Laird Tech Smart Techno...
GD9-15 LSTD-GD9-15 Datasheet
775Kb / 2P
Rugged and waterproof
More results

Similar Description - GD9-18

ManufacturerPart #DatasheetDescription
logo
FCI connector
BSC201843566 FCI-CONNECTOR-BSC201843566 Datasheet
143Kb / 1P
LOADING PATTERN OVERVIEW
logo
Diodes Incorporated
SBR3U60P1-7 DIODES-SBR3U60P1-7 Datasheet
115Kb / 5P
Patented Interlocking Clip Design for High Surge Current Capacity
Rev erse
logo
Bel Fuse Inc.
L829-1J1T-43 BEL-L829-1J1T-43 Datasheet
447Kb / 4P
gigabit MagJack (Ultra Low Profile) PATENTED
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
Patented PLL with low phase noise
logo
Allied Components Inter...
AEFD20-4251 ALLIED-AEFD20-4251 Datasheet
859Kb / 2P
Wire Wound SMD Low Profile Design
logo
Laird Tech Smart Techno...
ES58-17 LSTD-ES58-17 Datasheet
586Kb / 2P
Low end loading and low visual impact
GD24 LSTD-GD24 Datasheet
1Mb / 2P
Ultra low wind loading and low visual impact
YA9-9 LSTD-YA9-9 Datasheet
1Mb / 2P
Stainless steel construction, low wind loading
GD35 LSTD-GD35 Datasheet
1Mb / 2P
Ultra low wind loading and low visual impact
logo
List of Unclassifed Man...
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
The first & most popular patented high-performance design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com