Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT62L1024PC-55LL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UT62L1024PC-55LL
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT62L1024PC-55LL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UT62L1024PC-55LL Datasheet HTML 1Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 2Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 3Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 4Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 5Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
UTRON
UT62L1024
Rev. 1.7
128K X 8 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80033
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
2
PIN CONFIGURATION
PDIP / SOP
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O1
I/O2
CE2
A8
A9
A11
A10
I/O8
I/O7
I/O6
I/O5
I/O4
I/O3
Vss
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
1
CE
WE
OE
A13
A14
NC
A16
Vcc
A15
29
30
31
32
TSOP-I/STSOP
I/O4
A11
A9
A8
A13
I/O3
A10
A14
A12
A7
A6
A5
Vcc
I/O8
I/O7
I/O6
I/O5
Vss
I/O2
I/O1
A0
A1
A2
A4
A3
UT62L1024
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
WE
OE
1
CE
CE2
NC
A15
A16
32
31
30
29
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A16
Address Inputs
I/O1 - I/O8
Data Inputs/Outputs
1
CE ,CE2
Chip enable 1,2 Inputs
WE
Write Enable Input
OE
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com