Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT62L1024PC-55LL Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # UT62L1024PC-55LL
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT62L1024PC-55LL Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button UT62L1024PC-55LL Datasheet HTML 3Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 4Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 5Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 9Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 10Page - List of Unclassifed Manufacturers UT62L1024PC-55LL Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
UTRON
UT62L1024
Rev. 1.7
128K X 8 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80033
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
7
DATA RETENTION CHARACTERISTICS (Ta = 0℃ to +70℃)
PARAMETER
SYMBOL TEST CONDITION
MIN. TYP. MAX. UNIT
Vcc for Data Retention
VDR
1
CE ≧ VCC-0.2V or
CE2
≤ 0.2V
2.0
-
3.3
V
40
Data Retention Current
IDR
Vcc=2V
- L
-
1
20*
µA
20
1
CE ≧ VCC-0.2V or
CE2
≤ 0.2V
- LL
-
0.5
5*
µA
Chip Disable to Data
tCDR
See Data Retention
0
-
-
ns
Retention Time
Waveforms (below)
Recovery Time
tR
tRC*
-
-
ns
tRC* = Read Cycle Time
*Those parameters are for reference only under 50℃
DATA RETENTION WAVEFORM
tCDR
tR
2.7V
VCC
1
CE
VSS
Date Retention Mode
VDR ≧ 2.0V
1
CE ≧ VCC -0.2V
2.7V
VIL
VIL
VIH
VIH
CE2
≤ 0.2V
CE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com