Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT62L1024LS-55LL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UT62L1024LS-55LL
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT62L1024LS-55LL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UT62L1024LS-55LL Datasheet HTML 1Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 2Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 3Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 4Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 5Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UTRON
UT62L1024
Rev. 1.7
128K X 8 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80033
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
1
FEATURES
Access time : 35/55/70ns (max.)
Low power consumption :
Operating : 40/35/30 mA (typical)
Standby : 2.5
µA (typical) L-version
0.5
µA (typical) LL-version
Power supply range : 2.7V to 3.6V
All inputs and outputs TTL compatible
Fully static operation
Three state outputs
Data retention voltage : 2V (min.)
Package : 32-pin 600 mil PDIP
32-pin 450 mil SOP
32-pin 8x20 mm TSOP-1
32-pin 8x13.4 mm STSOP
GENERAL DESCRIPTION
The UT62L1024 is a 1,048,576-bit low power
CMOS static random access memory organized
as 131,072 words by 8 bits. It is fabricated using
high
performance,
high
reliability
CMOS
technology.
Easy memory expansion is provided by using
two chip enable input.(
1
CE
,CE2) It is
particularly well suited for battery back-up
nonvolatile memory application.
The UT62L1024 operates from a single 2.7V~
3.6V power supply and all inputs and outputs
are fully TTL compatible.
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
2048 × 512
MEMORY
ARRAY
COLUMN I/O
OE
WE
A0-A16
Vcc
Vss
I/O1-I/O8
CE1
CE2


Similar Part No. - UT62L1024LS-55LL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62L12816 ETC1-UT62L12816 Datasheet
206Kb / 12P
128K x 16 BIT LOW POWER CMOS SRAM
UT62L12816BS-55LI ETC1-UT62L12816BS-55LI Datasheet
206Kb / 12P
128K x 16 BIT LOW POWER CMOS SRAM
UT62L12816BS-55LLI ETC1-UT62L12816BS-55LLI Datasheet
206Kb / 12P
128K x 16 BIT LOW POWER CMOS SRAM
UT62L12816BS-70LI ETC1-UT62L12816BS-70LI Datasheet
206Kb / 12P
128K x 16 BIT LOW POWER CMOS SRAM
UT62L12816BS-70LLI ETC1-UT62L12816BS-70LLI Datasheet
206Kb / 12P
128K x 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - UT62L1024LS-55LL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008 ALSC-AS6C1008 Datasheet
2Mb / 14P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L1024 LYONTEK-LY62L1024 Datasheet
237Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024_12 Datasheet
446Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
128K X 8 BIT LOW POWER CMOS SRAM
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com