Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT62L1024LS-55LL Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # UT62L1024LS-55LL
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT62L1024LS-55LL Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button UT62L1024LS-55LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 9Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 10Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 11Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 12Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 13Page - List of Unclassifed Manufacturers UT62L1024LS-55LL Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
UTRON
UT62L1024
Rev. 1.7
128K X 8 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80033
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
10
32 pin TSOP-I Package Outline Dimension
UNIT
SYMBOL
INCH(BASE)
MM(REF)
A
0.047 (MAX)
1.20 (MAX)
A1
0.004 ± 0.002
0.10 ± 0.05
A2
0.039 ± 0.002
1.00 ± 0.05
b
0.008 + 0.002
- 0.001
0.20 + 0.05
-0.03
c
0.005 (TYP)
0.127 (TYP)
D
0.724 ± 0.004
18.40 ± 0.10
E
0.315 ± 0.004
8.00 ± 0.10
e
0.020 (TYP)
0.50 (TYP)
HD
0.787 ± 0.008
20.00 ± 0.20
L
0.0197 ± 0.004
0.50 ± 0.10
L1
0.0315 ± 0.004
0.08 ± 0.10
y
0.003 (MAX)
0.076 (MAX)
Θ
0
o〜5o
0
o〜5o
H
C
C
E
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com