Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3702IPE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV3702IPE4
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3702IPE4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV3702IPE4 Datasheet HTML 1Page - Texas Instruments TLV3702IPE4 Datasheet HTML 2Page - Texas Instruments TLV3702IPE4 Datasheet HTML 3Page - Texas Instruments TLV3702IPE4 Datasheet HTML 4Page - Texas Instruments TLV3702IPE4 Datasheet HTML 5Page - Texas Instruments TLV3702IPE4 Datasheet HTML 6Page - Texas Instruments TLV3702IPE4 Datasheet HTML 7Page - Texas Instruments TLV3702IPE4 Datasheet HTML 8Page - Texas Instruments TLV3702IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TLV3701
TLV3702
TLV3704
SLCS137B – NOVEMBER 2000 – REVISED AUGUST 2001
5
www.ti.com
electrical characteristics at specified operating free-air temperature, VCC = 2.7 V, 5 V, 15 V (unless
otherwise noted)
dc performance
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
Input offset voltage
25
°C
250
5000
V
VIO
Input offset voltage
VIC= VCC/2,
RS = 50 Ω
Full range
7000
µV
αVIO
Offset voltage drift
VIC VCC/2,
RS 50 Ω
25
°C
3
µV/°C
V
0 to 2 7 V
R50
Ω
25
°C
55
72
VIC= 0 to 2.7 V,
RS = 50 Ω
Full range
50
CMRR
Common mode rejection ratio
V
0 to5V
R50
Ω
25
°C
60
76
dB
CMRR
Common-mode rejection ratio
VIC= 0 to 5 V,
RS = 50 Ω
Full range
55
dB
V
0 to 15 V
R50
Ω
25
°C
65
88
VIC= 0 to 15 V,
RS = 50 Ω
Full range
60
AVD
Large-signal differential voltage
amplification
25
°C
1000
V/mV
† Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.
input/output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
I
Input offset current
25
°C
20
100
pA
IIO
Input offset current
V
V
/2
R
50
Ω
Full range
1000
pA
I
Input bias current
VIC = VCC/2,
RS = 50 Ω
25
°C
80
250
pA
IIB
Input bias current
Full range
1500
pA
ri(d)
Differential input resistance
25
°C
300
M
Ω
VIC = VCC/2,
IOH = 2 µA, VID = 1 V
25
°C
VCC–
0.08
VOH
High-level output voltage
V
V
/2
I
50 AV
1 V
25
°C
VCC–
320
mV
VIC = VCC/2,
IOH = –50 µA, VID = 1 V
Full range
VCC–
450
VIC = VCC/2,
IOH = 2 µA, VID = –1 V
25
°C
8
VOL
Low-level output voltage
VIC VCC/2
IOH 50 µAVID
1V
25
°C
80
200
mV
OL
g
VIC = VCC/2,
IOH = 50 µA, VID = –1 V
Full range
300
† Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.
power supply
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
I
Supply current (per channel)
Output state high
25
°C
560
800
nA
ICC
Supply current (per channel)
Output state high
Full range
1000
nA
V
2 7Vto5V
25
°C
75
100
PSRR
Power supply rejection ratio
VIC = VCC/2 V,
VCC= 2.7 V to 5 V
Full range
70
dB
PSRR
Power supply rejection ratio
VIC = VCC/2 V,
No load
VCC=5Vto15V
25
°C
85
105
dB
VCC= 5 V to 15 V
Full range
80
† Full range is 0
°C to 70°C for C suffix and –40°C to 125°C for I suffix. If not specified, full range is –40°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com