Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3702IPE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV3702IPE4
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3702IPE4 Datasheet(HTML) 1 Page - Texas Instruments

  TLV3702IPE4 Datasheet HTML 1Page - Texas Instruments TLV3702IPE4 Datasheet HTML 2Page - Texas Instruments TLV3702IPE4 Datasheet HTML 3Page - Texas Instruments TLV3702IPE4 Datasheet HTML 4Page - Texas Instruments TLV3702IPE4 Datasheet HTML 5Page - Texas Instruments TLV3702IPE4 Datasheet HTML 6Page - Texas Instruments TLV3702IPE4 Datasheet HTML 7Page - Texas Instruments TLV3702IPE4 Datasheet HTML 8Page - Texas Instruments TLV3702IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLV3701
TLV3702
TLV3704
SLCS137B – NOVEMBER 2000 – REVISED AUGUST 2001
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
1
www.ti.com
FEATURES
D Low Supply Current ... 560 nA/Per Channel
D Input Common-Mode Range Exceeds the
Rails ... –0.1 V to VCC + 5 V
D Supply Voltage Range ... 2.5 V to 16 V
D Reverse Battery Protection Up to 18 V
D Push-Pull CMOS Output Stage
D Specified Temperature Range
– 0
°C to 70°C – Commercial Grade
– –40
°C to 125°C – Industrial Grade
D Ultrasmall Packaging
– 5-Pin SOT-23 (TLV3701)
– 8-Pin MSOP (TLV3702)
D Universal Op-Amp EVM (Reference SLOU060
for more information)
APPLICATIONS
D Portable Battery Monitoring
D Consumer Medical Electronics
D Security Detection Systems
DESCRIPTION
The TLV370x is Texas Instruments’ first family of
nanopower comparators with only 560 nA per channel
supply current, which make this device ideal for battery
power and wireless handset applications.
The TLV370x has a minimum operating supply voltage
of 2.7 V over the extended industrial temperature range
(TA = –40°C to 125°C), while having an input
common-mode range of –0.1 to VCC + 5 V. The low
supply current makes it an ideal choice for battery
powered portable applications where quiescent current
is the primary concern. Reverse battery protection
guards the amplifier from an over-current condition due
to
improper
battery
installation.
For
harsh
environments, the inputs can be taken 5 V above the
positive supply rail without damage to the device.
All members are available in PDIP and SOIC with the
singles in the small SOT-23 package, duals in the
MSOP, and quads in the TSSOP package.
600
100
0
VCC – Supply Voltage – V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
200
300
400
500
700
800
2
4
6
8
10
12
14
VID = –1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = –40°C
16
TLV370X
µP
D1
R3
100 k
Ω
R1
1 M
Ω
R2
1 M
Ω
+
0
0
VCC
Vref
high side voltage sense circuit
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TLV3702IPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3702IPE4 TI1-TLV3702IPE4 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results

Similar Description - TLV3702IPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701-Q1 TI-TLV3701-Q1 Datasheet
326Kb / 12P
FAMILY OF NANNOPOWER PUSH=PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3702QDRG4Q1 TI-TLV3702QDRG4Q1 Datasheet
948Kb / 16P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701 TI1-TLV3701 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com