Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87CL52X2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P87CL52X2
Description  80C51 8-bit microcontroller family
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87CL52X2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P87CL52X2 Datasheet HTML 2Page - NXP Semiconductors P87CL52X2 Datasheet HTML 3Page - NXP Semiconductors P87CL52X2 Datasheet HTML 4Page - NXP Semiconductors P87CL52X2 Datasheet HTML 5Page - NXP Semiconductors P87CL52X2 Datasheet HTML 6Page - NXP Semiconductors P87CL52X2 Datasheet HTML 7Page - NXP Semiconductors P87CL52X2 Datasheet HTML 8Page - NXP Semiconductors P87CL52X2 Datasheet HTML 9Page - NXP Semiconductors P87CL52X2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Philips Semiconductors
Product data
P87CL52X2/54X2
80C51 8-bit microcontroller family
8K/16K OTP 256 bytes RAM ROMless low voltage
(1.8 V to 3.3 V), low power, high speed (33 MHz)
2003 May 14
6
PIN DESCRIPTIONS
PIN NUMBER
MNEMONIC
LQFP
TSSOP
TYPE
NAME AND FUNCTION
VSS
16
9
I
Ground: 0 V reference.
VCC
38
29
I
Power Supply: This is the power supply voltage for normal, idle, and power-down operation.
P0.0–0.7
37–30
28–21
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port with Schmitt trigger inputs. Port 0 pins
that have 1s written to them float and can be used as high-impedance inputs. Port 0 is also
the multiplexed low-order address and data bus during accesses to external program and
data memory. In this application, it uses strong internal pull-ups when emitting 1s.
P1.0–P1.7
40–44,
1–3
30–37
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups and Schmitt trigger
inputs. Port 1 pins that have 1s written to them are pulled high by the internal pull-ups and
can be used as inputs. As inputs, port 1 pins that are externally pulled low will source
current because of the internal pull-ups. (See DC Electrical Characteristics: IIL). Alternate
functions for Port 1 include:
40
30
I/O
T2 (P1.0): Timer/Counter 2 external count input/clockout (see Programmable Clock-Out)
41
31
I
T2EX (P1.1): Timer/Counter 2 Reload/Capture/Direction control
P2.0–P2.7
18–25
10–17
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups and Schmitt trigger
inputs. Port 2 pins that have 1s written to them are pulled high by the internal pull-ups and
can be used as inputs. As inputs, port 2 pins that are externally being pulled low will source
current because of the internal pull-ups. (See DC Electrical Characteristics: IIL). Port 2 emits
the high-order address byte during fetches from external program memory and during
accesses to external data memory that use 16-bit addresses (MOVX @DPTR). In this
application, it uses strong internal pull-ups when emitting 1s. During accesses to external
data memory that use 8-bit addresses (MOV @Ri), port 2 emits the contents of the P2
special function register.
P3.0–P3.7
5,
7–13
1–6
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups and Schmitt trigger
inputs. Port 3 pins that have 1s written to them are pulled high by the internal pull-ups and
can be used as inputs. As inputs, port 3 pins that are externally being pulled low will source
current because of the pull-ups. (See DC Electrical Characteristics: IIL). Port 3 also serves
the special features of the 80C51 family, as listed below:
5
1
I
RxD (P3.0): Serial input port
7
2
O
TxD (P3.1): Serial output port
8
I
INT0 (P3.2): External interrupt1
9
3
I
INT1 (P3.3): External interrupt
10
4
I
T0 (P3.4): Timer 0 external input
11
I
T1 (P3.5): Timer 1 external input1
12
5
O
WR (P3.6): External data memory write strobe
13
6
O
RD (P3.7): External data memory read strobe
RST
4
38
I
Reset: A high on this pin for two machine cycles while the oscillator is running, resets the
device. An internal diffused resistor to VSS permits a power-on reset using only an external
capacitor to VCC.
ALE
27
19
O
Address Latch Enable: Output pulse for latching the low byte of the address during an
access to external memory. In normal operation, ALE is emitted at a constant rate of 1/6 the
oscillator frequency, and can be used for external timing or clocking. Note that one ALE
pulse is skipped during each access to external data memory. ALE can be disabled by
setting SFR auxiliary.0. With this bit set, ALE will be active only during a MOVX instruction.
PSEN
26
18
O
Program Store Enable: The read strobe to external program memory. When the
P87CL5xX2 is executing code from the external program memory, PSEN is activated twice
each machine cycle, except that two PSEN activations are skipped during each access to
external data memory. PSEN is not activated during fetches from internal program memory.
EA/VPP
29
20
I
External Access Enable/Programming Supply Voltage: EA must be externally held low
to enable the device to fetch code from external program memory locations 0000H to
0FFFH.
XTAL1
15
8
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal clock generator
circuits.
XTAL2
14
7
O
Crystal 2: Output from the inverting oscillator amplifier.
NOTE:
To avoid “latch-up” effect at power-on, the voltage on any pin at any time must not be higher than VCC + 0.5 V or VSS – 0.5 V, respectively.
1. Absent in the TSSOP38 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com