Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2607 Datasheet(PDF) 33 Page - NEC

Part # PS2607
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2607 Datasheet(HTML) 33 Page - NEC

Back Button PS2607 Datasheet HTML 29Page - NEC PS2607 Datasheet HTML 30Page - NEC PS2607 Datasheet HTML 31Page - NEC PS2607 Datasheet HTML 32Page - NEC PS2607 Datasheet HTML 33Page - NEC PS2607 Datasheet HTML 34Page - NEC PS2607 Datasheet HTML 35Page - NEC PS2607 Datasheet HTML 36Page - NEC PS2607 Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
32
CTR vs. IF Characteristics
As shown in Figure 8, the CTR of a single-transistor output optocoupler (such as the PS2501 and PS2505 optocouplers) is at
most 20% in a low-current area (e.g. IF = 0.1 mA). However, the CTR of a Darlington-transistor output optocoupler (such as the
PS2502 and PS2506 optocouplers) can be greater than 200% in a low-current area (e.g. IF = 0.1 mA).
Figure 24 shows the CTR vs. IF characteristics of the PS2502 and PS2506 optocouplers.
Forward Current IF (mA)
CONCLUSION
Demand for optocouplers featuring higher insulation and noise elimination is steadily increasing. At the same time, various
problems (change of characteristics by ambient temperature and time elapse) will occur in their circuit design. We hope this
manual will be helpful in solving such problems.
Figure 24. CTR vs. IF Characteristics (Standard Value)
(PS2502, PS2506)
7000
6000
5000
4000
3000
2000
1000
0
0.05 0.1
0.5
1
5
10
50
Standard characteristics
VCE = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com