Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2607 Datasheet(PDF) 19 Page - NEC

Part # PS2607
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2607 Datasheet(HTML) 19 Page - NEC

Back Button PS2607 Datasheet HTML 15Page - NEC PS2607 Datasheet HTML 16Page - NEC PS2607 Datasheet HTML 17Page - NEC PS2607 Datasheet HTML 18Page - NEC PS2607 Datasheet HTML 19Page - NEC PS2607 Datasheet HTML 20Page - NEC PS2607 Datasheet HTML 21Page - NEC PS2607 Datasheet HTML 22Page - NEC PS2607 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
18
VCC - VCE
5 - 0.8
I2
⊕
=
= 8.2 (mA) ................(9)
R2
0.51 (k
Ω)
Therefore I3 = I2 + I4 = 8.2 + 1.6 = 9.8 (mA) ................(10)
Let's assume that hFE of transistor Tr1 is 40 (worst). Ib must be as follows:
I3
9.9 (mA)
Ib
⊕
=
= 0.247 (mA) ................(11)
hFE
40
Similarly, let's assume that VBE of transistor Tr1 is 0.8 V (worst), I1 must be as follows:
VBE
0.8
I1 =
=
= 0.4 (mA) ................(12)
R1
2 (k
Ω)
Therefore, the output current I0 of the optocoupler is
I0
⊕ I1 + Ib = 0.647 (mA) ................ (13)
If forward current IF is 3 mA (worst) (normally IF = 5 mA), the CTR is calculated as follows:
I0
0.647(mA)
CTR =
x 100 =
x 100 = 21.6% ................(14)
IF
3 (mA)
CIRCUIT DESIGN EXAMPLE (USING THE PS2601)
Fig. 4-1 shows a design example of an optocoupler circuit having a base-emitter resistor for improvement of response ability.
The minimum current transfer ratio (CTR) required for TTL operation is calculated as follows:
Current I4 must be 1.6 mA to drive the TTL and the collector-emitter voltage of transistor Tr1 must be 0.8 V or less. Accordingly, I2
must be as follows:
A resistor of 510 k
Ω
is inserted here.
PS2601
IF = 5 mA
I0
I1
Vcc = 5 V
VOUT
G
I3
I4
Tn1
Ib
R2 = 510
Ω
TTL
R0 = 1 k
Ω
R1
= 2 k
Ω
Figure 4-1. Circuit Design Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com