Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA57005 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA57005
Description  Multiple output low noise, low dropout linear regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57005 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA57005 Datasheet HTML 1Page - NXP Semiconductors SA57005 Datasheet HTML 2Page - NXP Semiconductors SA57005 Datasheet HTML 3Page - NXP Semiconductors SA57005 Datasheet HTML 4Page - NXP Semiconductors SA57005 Datasheet HTML 5Page - NXP Semiconductors SA57005 Datasheet HTML 6Page - NXP Semiconductors SA57005 Datasheet HTML 7Page - NXP Semiconductors SA57005 Datasheet HTML 8Page - NXP Semiconductors SA57005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
SA57005
Multiple output low noise, low dropout linear regulator
2
2002 Jun 20
853-2352 28505
GENERAL DESCRIPTION
The SA57005 is a very low dropout, low noise composite voltage
regulator with three fixed independent outputs. The output voltages
are preset to 2.5 V, 2.8 V and 3.0 V having a common input voltage
pin VIN. Two ON/OFF switches allow Vo1 and Vo2/Vo3 to be turned
off when not needed, thus conserving power. Also, three regulators
in one package save board space, which is critical in
microprocessor systems.
Designed for battery-powered and portable applications the
SA57005 achieves unequalled performance in all specifications
such as low supply-current, low dropout voltage, low power
consumption, small size, fast dynamic response to line and load,
precision output and so on. Each of these regulators consists of an
internal voltage reference, an error amplifier, resistors, and control
switch. The SA57005 is housed in a VSOP-8A 8-lead package.
FEATURES
• Very low dropout voltage: V
o1:
0.25 V typ.; Vo2: 0.28 V typ.;
Vo3: 0.30 V typ.
• Low noise: 60 µV
rms typ. (f = 10 Hz to 10 kHz; IO = 30 mA)
• High precision output voltage: ±3%
• Output current capacity:
Io1 and Io2 = 100 mA max; Io3 = 150 mA max.
• Low consumption current: I
IN1 = 250 µA typ.,
IIN2/IIN3 = 500 µA typ. (when not loaded), 3 µA max. (when off)
• Line regulation: 1%/V typ. (I
OUT = 30 mA; VIN = 4.0 to 8.0 V)
• Load regulation: 30 mV typ. for I
OUT = 0 to 70 mA
• Low temperature drift co-efficient to V
OUT: ±100 ppm/°C
• Thermal shutdown
• Wide operating temperature range: –20 °C to +75 °C
APPLICATIONS
• Cellular phones, cordless phones and 2-way radios
• Electronic notebooks, PDAs and Palmtop computers
• Cameras, VCRs and camcorders
• Modems
• Battery-powered or hand-held instruments
SIMPLIFIED DEVICE DIAGRAM
2
3
1
5
4
6
7
8
≥1 µF
PS1
PS2/3
NC
VIN
1
Ω
1
Ω
1
Ω
1
µF
1
µF
1
µF
GND
Vo1
Vo2
Vo3
SL01698
SA57005
Figure 1. Simplified device diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com