Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA57005 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA57005
Description  Multiple output low noise, low dropout linear regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57005 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA57005 Datasheet HTML 1Page - NXP Semiconductors SA57005 Datasheet HTML 2Page - NXP Semiconductors SA57005 Datasheet HTML 3Page - NXP Semiconductors SA57005 Datasheet HTML 4Page - NXP Semiconductors SA57005 Datasheet HTML 5Page - NXP Semiconductors SA57005 Datasheet HTML 6Page - NXP Semiconductors SA57005 Datasheet HTML 7Page - NXP Semiconductors SA57005 Datasheet HTML 8Page - NXP Semiconductors SA57005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product data
SA57005
Multiple output low noise, low dropout linear regulator
2002 Jun 20
4
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C; VIN = 4 V; CIN = 2.2 µF; CVO(n) = 2.2 µF; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
Min.
Typ.
Max.
UNIT
IIN(OFF)
Supply current (OFF)
VPS1 = VPS2/3 = 0 V
–
0
3
µA
IIN1, IIN2, IIN3
Supply current 1, 2, 3
no load
IIN1
VPS1 = 3 V; VPS2/3 = 0 V
–
250
370
µA
IIN2, IIN3
VPS2/3 = 3 V; VPS1 = 0 V
–
500
740
µA
Vo1
Vo1
Output voltage
IO1 = 30 mA
2.42
2.50
2.58
V
Vio(dif)(min)1
Input/output differential voltage
VIN = 2.3 V; IO1 = 30 mA
–
0.1
0.25
V
∆VLO1
Load regulation
IO1 = 0 to 70 mA
–
30
60
mV
∆VLI1
Line regulation
VIN = 4.0 V to 8.0 V; IO1 = 30 mA
–
10
25
mV
∆Vo1/∆T
VO temperature coefficient
(Note 1)
Tamb = –20 °C to +75 °C; IO1 = 30 mA
–
±100
–
ppm/
°C
RR1
Ripple rejection (Note 1)
f = 120 Hz; Vripple = 1 Vp-p; IO1 = 30 mA
50
60
–
dB
Vn1
Output noise voltage (Note 1)
f = 10 Hz to 10 kHz; IO1 = 30 mA
–
60
90
µVrms
tDH1
Output delay time (Note 1)
IO1 = 30 mA; VPS1 = 0 V → 4 V;
VPS2/3 = 0 V
–
0.04
0.15
ms
Vo2
Vo2
Output voltage
IO2 = 30 mA
2.72
2.80
2.88
V
Vio(dif)(min)2
Input/output differential voltage
VIN = 2.6 V; IO2 = 30 mA
–
0.1
0.25
V
∆VLO2
Load regulation
IO2 = 0 to 70 mA
–
30
60
mV
∆VLI2
Line regulation
VIN = 4.0 V to 8.0 V; IO2 = 30 mA
–
10
25
mV
∆Vo2/∆T
VO temperature coefficient
(Note 1)
Tamb = –20 °C to +75 °C; IO2 = 30 mA
–
±100
–
ppm/
°C
RR2
Ripple rejection (Note 1)
f = 120 Hz; Vripple = 1 Vp-p; IO2 = 30 mA
50
60
–
dB
Vn2
Output noise voltage (Note 1)
f = 10 Hz to 10 kHz; IO2 = 30 mA
–
60
90
µVrms
tDH2
Output delay time (Note 1)
IO2 = 30 mA; VPS2/3 = 0 V → 4 V;
VPS1 = 0 V
–
0.04
0.15
ms
Vo3
Vo3
Output voltage
IO3 = 80 mA
2.92
3.00
3.08
V
Vio(dif)(min)3
Input/output differential voltage
VIN = 2.8 V; IO3 = 80 mA
–
0.15
0.30
V
∆VLO3
Load regulation
IO3 = 0 to 100 mA
–
30
60
mV
∆VLI3
Line regulation
VIN = 4.0 V to 8.0 V; IO3 = 30 mA
–
10
25
mV
∆Vo3/∆T
VO temperature coefficient
(Note 1)
Tamb = –20 °C to +75 °C; IO3 = 30 mA
–
±100
–
ppm/
°C
RR3
Ripple rejection (Note 1)
f = 120 Hz; Vripple = 1 Vp-p; IO3 = 30 mA
50
60
–
dB
Vn3
Output noise voltage (Note 1)
f = 10 Hz to 10 kHz; IO3 = 30 mA
–
60
90
µVrms
tDH3
Output delay time (Note 1)
IO3 = 30 mA; VPS2/3 = 0 V → 4 V
–
0.04
0.15
ms
PS output control pin
VOFF
LOW-level threshold voltage
–
–
0.4
V
VON
HIGH-level threshold voltage
1.6
–
–
V
IPS1
PS1 terminal current
VPS1 = 1.6 V
–
–
8
µA
IPS2/3
PS2/3 terminal current
VPS2/3 = 1.6 V
–
–
16
µA
NOTE:
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com