Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3010 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SC3010
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC3010 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SC3010 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Silan
Semiconductors
SC3010
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
3
ELECTRICAL CHARACTERISTICS (Tamb=25°C, unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
Freq=455KHz
2.0
3.0
5.5
V
Stand-By Current
IDD
VDD =3V (Output no load)
0
10
µA
Input Current(KI0~KI7,C0~C3)
IIN
VI=0V T1=0 T2=0 SMS=0
15
600
µA
High Level Input Voltage
(KI0~KI7,C0~C3,SMS,T1,T2)
VIH
VDD =3V,(KI0~KI7 And
C0~C3 Connected To VDD)
0.7 VDD
V
Low Level Input Voltage
(KI0~KI7,C0~C3,SMS,T1,T2)
VIL
VDD =3V ,( T1,T2,OSC,SMS
Connected To VSS)
0.3 VDD
V
VI=3V VDD=3V T1=T2=High
0
1.0
Input Current Leakage
(KI0~KI7,C0~C3)
ILEAK1
VI=0V VDD=3V T1=T2=High
0
1.0
µA
ILEAK2
VI=0V VDD=3V T1=T2=High
0
1.0
Input Current Leakage (OSC)
ILEAK3
VI=3V VDD=3V T1=T2=High
4.5
15
30
µA
VI=3V VDD=3V T=25
°C0
1.0
Input Leakage Current
(SMS,T1,T2)
ILEAK4
VI=0V VDD=3V T=25
°C0
1.0
µA
High Level Output Voltage
(Dout, MDOUT)
VOH
VDD=3V IOH=0.4mA
VDD-
0.3
Low Level Output Voltage
(Dout, MDOUT)
VOL
VDD=3V IOH=0.6mA
0.35
V
Vo=3V VDD=3V T=25
°C10
Output Current Leakage
(Dout, MDOUT)
ILEAK5
Vo=0V VDD=3V T=25
°C1
µA
Low Level Output Voltage
(KO0~KO7)
VOL
VDD=3V IOL=0.3mA
0.8
V
Vo=3V VDD=3V T=25
°C0
1
Output Current Leakage
(KO0~KO7)
ILEAK6
Vo=3V VDD=3V T=-25~85
°C3
10
µA
Drive Current (Dout, MDout)
ID
VDD=3V Vo=1.5V
1.5
2
mA
Operational Frequency
Fosc1
VDD=3V
400
600
KHz
Free-Running Frequency
Fosc2
VDD=3V
50
100
KHz
PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
NOTE
1
KI7
IP
Key Sense Input Pin
2
SMS
I
System Mode Selection Input Pin
3~6
C0~C3
IP
Key Sense Input Pins
7MDOUT
O
Generated Output Data Pin modulated with
1/12 oscillator frequency at a 25% duty factor
8DOUT
O
Generated Output Data Pin
9~13
KO7~KO3
OD
Scan Driver Pins
14
VSS
Power
Negative Power Supply
15~17
KO2~KO0
OD
Scan Driver Pins
18
OSC
I
Oscillator Input Pin
19
T2
I
Test Pin 2
20
T1
I
Test Pin 1
21~27
KI0~KI6
IP
Key Sense Input Pins
28
VDD
Power
Positive Power Supply
IP= Input with p-channel
pull-up transistor;
OD = Output with open
drain n-channel
transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com