Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC3010 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SC3010
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC3010 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SC3010 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC3010 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Silan
Semiconductors
SC3010
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
7
7.OSCILLATOR
The OSC is a 1-pin oscillator input/output terminal. The oscillator is constructed by connecting in series a ceramic
resonator like TOKO CRK429.
8. TEST MODE
When T1,T2 and OSC Pins are in HIGH State, the circuit initializes. All internal nodes except for the LATCH are
defined. The latch is defined when a scan cycle starts by pulling down a KI or a C Input while the oscillator is active.
If the debounce cycle has been completed, then the scan cycle can be accomplished 3x2
3
times faster by setting
the T1 to HIGH. If the scan cycle has been completed, the Latch contents can be read 3x2
7
times faster by setting
theT2toHIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com