Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC84520 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SC84520
Description  TWO IN ONE SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC84520 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SC84520 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Silan
Semiconductors
SC84520
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
9
SC84520 has started a transmission. If this occurs before the rising edge of the tenth clock, SC84520 internal
store its data in its buffer and returns DATA and CLK to an active level. If the contention does not occur by the
tenth clock, the transmission is complete.
e. Data Input (from system to SC84520):
The system first check if SC84520 is transmitting data. If SC84520 is transmitting, the system can override the
output forcing CLK to an inactive level prior to the tenth clock. If SC84520 transmission is beyond the tenth
clock, the system receives the data. If SC84520 is not transmitting or if the system choose to override the
output. The system force CLK to an inactive level for a period of not less than 100
µs while preparing for output.
When the system is ready to output start bit (0), it allows CLK go to active level. If request-to-send is detected,
SC84520 clocks 11 bits, Following the tenth clock SC84520 checks for an active level on the DATA line, and if
found, force DATA low, and clock once more. If occurs framing error, SC84520 continue to clock until DATA is
high, then clocks the line control bit and request a resend. When the system sends out a command or data
transmission that requires a response, the system waits for SC84520 to response before sending its next
output.
D) PS/2 Mouse Error Handling:
a. A Resend command (FE) following receipt of an invalid input or any input with incorrect parity.
b. If two invalid input are received in succession, an error code of hex (FC) is send to the system.
c. The counter accumulators are cleared after receiving any command except “Resend”
d. SC84520 receives a Resend command (FE), it transmit its last packet of data.
e. In the stream mode “Resend” is received by SC84520 following a 3-byte data packet transmission to the
system. SC84520 resend the 3-byte data packet prior to clearing the counter.
f. A response is sent within 25ms if
a) The system requires a response
b) An error is detected in the transmission
g. If SC84520 is in the stream mode:
a) The system disables SC84520 before issuing any command requiring a response.
b) When a command requiring a response is issued by the system another command should not be issue
until either the response is received or 25ms has passed.
E) PS/2 Mouse Commands Description:
There are 16 valid commands that transmits between the system and SC84520. The “FA” code is always the first
response to any valid input received from the system other than a Set Wrap Mode or Resend command. The
following table list the commands:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com