Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC84520 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # SC84520
Description  TWO IN ONE SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC84520 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button SC84520 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 12Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 13Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 14Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 15Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 16Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 17Page - List of Unclassifed Manufacturers SC84520 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Silan
Semiconductors
SC84520
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
14
4.Z-AXIS INPUT FUNTION:
a. Photo couples input: Z-axis counter accumulates the Z1, Z2 phase changed by movement.
b. Key-switches input: Pressing Z1, Z2 will start to fill the Z-axis counter with the value beginning at one. Toggling
“M” key can increase the value any time by one. The limit value is
±7.
c. The relationship between the value and the transmission rate as follows:
Value
Rate per second
12.7
26.4
39.2
4
12.8
515
618
720
d. Voltage-sensing mode: There are 7 voltage levels in Z1, Z2 input. The transmission table is the same as key-
switch mode. The relationship between the value of Z-axis counter and the voltage as follows:
Value
Voltage
0
1V
↓
1
1.0V – 1.6V
2
1.6V – 2.2V
3
2.2V - 2.8V
4
2.8V – 3.4V
5
3.4V – 4.0V
6
4.0V – 4.6V
7
4.6V
↑
Under VDD = 5V condition
e. Mechanical mode: The same as optical wheel mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com