Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7291AS Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA7291AS
Description  Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7291AS Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA7291AS Datasheet HTML 4Page - Toshiba Semiconductor TA7291AS Datasheet HTML 5Page - Toshiba Semiconductor TA7291AS Datasheet HTML 6Page - Toshiba Semiconductor TA7291AS Datasheet HTML 7Page - Toshiba Semiconductor TA7291AS Datasheet HTML 8Page - Toshiba Semiconductor TA7291AS Datasheet HTML 9Page - Toshiba Semiconductor TA7291AS Datasheet HTML 10Page - Toshiba Semiconductor TA7291AS Datasheet HTML 11Page - Toshiba Semiconductor TA7291AS Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TA7291AP/AS(J)/AF
2003-02-14
8
IOUT (A)
TA7291AP
VCE (SAT) – IOUT (Upper)
IOUT (A)
TA7291AP
VCE (SAT) – IOUT (Lower)
Vref – VOUT (H)
0
0.4
0.8
1.2
1.6
2.0
1.6
0.8
0
2.4
3.2
0
0.4
0.8
1.2
1.6
2.0
1.6
0.8
0
2.4
3.2
Vref (V)
8
4
0
12
2
6
10
0
2
4
6
8
10
12
Resistor 10
W
Resistor 40
W
7/2/11 8/6/15
5/9/7
6/1/9
VCC
2/7/4
4/8/5
1/5/1
VS
G
Vref
IN1
IN2
OUT1
VS = 12 V
VCC = 5 V
V
The heat fin of the TA7291AF
is connected to ground.
Open
Test circuit
Output open
VS – VOUT (H)
VS (V)
12
9
6
10
7
8
8
9
10
11
7/2/11 8/6/15
5/9/7
6/1/9
VCC
2/7/4
4/8/5
1/5/1
VS
G
Vref
IN1
IN2
OUT1
Vref = 8.0 V
VCC = 5.0 V
V
The heat fin of the TA7291AF
is connected to ground.
Open
Test circuit
Output open
Resistor 40
W
Resistor 10
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com